Electronic Components Datasheet Search
  English  ▼

X  

TC5563APL Datasheet (PDF) - Toshiba Semiconductor

TC5563APL Datasheet PDF - Toshiba Semiconductor
Part # TC5563APL
Download  TC5563APL Download
File Size   583.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD X 8 BIT CMOS STATIC RAM

TC5563APL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5563APL Datasheet PDF - Toshiba Semiconductor

Part # TC5563APL
Download  TC5563APL Click to download

File Size   583.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8,192 WORD X 8 BIT CMOS STATIC RAM

TC5563APL Datasheet (HTML) - Toshiba Semiconductor


TC5563APL Product details

DESCRIPTION
The TC5563APL is 65,536 bit static random
access memory organized as 8, 192 words by 8 bits
using CMOS technology, and operates from a single
5V supply. Advanced circuit techniques provide both
high speed and low power features with a maximum
operating current of 5mA/MHz and maximum
access time of 100ns/120ns/150ns.
When CE2 is a logical low or CE1 is a logical high,
the device is placed in low power standby mode in
which standby current is 2μA typically. The
TC5563APL has three control inputs. Two chip
enables (CE1, CE2) allow for device selection and
data retention control, and an output enable input
(OE) provides fast memory access. Thus the
TC5563APL is suitable for use in various micro-
processor application systems where high speed,
low power, and battery back up are required.
The TC5563APL also features pin compatibility
with the 64k bit EPROM (TMM2764D). RAM and
EPROM are then interchangeable in the same
socket, resulting in flexibility in the definition of the
quantity of RAM versus EPROM in microprocessor
application systems.
The TC5563APL is offered in a dual-in-line 28 pin
0.3 inch width plastic package.

FEATURES
Low Power Dissipation
27.5mW/MHz (Max.) Operating
Standby Current: 100μA (Max.) Ta=70°C
Access Time
TC5563APL-10: 100ns (Max.)
TC5563APL-12:
120ns (Max.)
TC5563APL-15:
150ns (Max.)
5V Single Power Supply
Power Down Features: CE2, CE1
Fully Static Operation
Data Retention Supply Voltage: 2.0-5.5V
Directly TTL Compatible
All Inputs and Outputs
Pin Compatible with 2764 type EPROM
TC5565APL Family (Package Type)




Similar Part No. - TC5563APL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5563APL TOSHIBA-TC5563APL Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-10L TOSHIBA-TC5563APL-10L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-12L TOSHIBA-TC5563APL-12L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-15L TOSHIBA-TC5563APL-15L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
More results


Similar Description - TC5563APL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5564APL-15 TOSHIBA-TC5564APL-15 Datasheet
98Kb / 1P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5516 TOSHIBA-TC5516 Datasheet
551Kb / 12P
2,048 WORD X 8 BIT CMOS STATIC RAM
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
8,192 X 8 - BIT STATIC CMOS RAM
logo
List of Unclassifed Man...
GM76C88 ETC-GM76C88 Datasheet
628Kb / 11P
8,192 X 8 BIT STATIC RAM
logo
Sony Corporation
CXK5864BP SONY-CXK5864BP Datasheet
454Kb / 10P
8,192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
logo
Toshiba Semiconductor
TC5518CP TOSHIBA-TC5518CP Datasheet
458Kb / 9P
2,048 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-10L TOSHIBA-TC5563APL-10L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5588P TOSHIBA-TC5588P Datasheet
411Kb / 7P
8,192 WORD x 8 BIT CMOS STATIC RAM
TC5589P TOSHIBA-TC5589P Datasheet
398Kb / 7P
8,192 WORD x 9 BIT CMOS STATIC RAM
TC55B88P TOSHIBA-TC55B88P Datasheet
392Kb / 7P
8,192 WORD x 8 BIT BICMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com