Electronic Components Datasheet Search
  English  ▼

X  

VEML3328 Datasheet (PDF) - Vishay Siliconix

VEML3328 Datasheet PDF - Vishay Siliconix
Part # VEML3328
Download  VEML3328 Download
File Size   603.26 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RGBCIR Color Sensor With I2C Interface

VEML3328 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML3328 Datasheet PDF - Vishay Siliconix

Part # VEML3328
Download  VEML3328 Click to download

File Size   603.26 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RGBCIR Color Sensor With I2C Interface

VEML3328 Datasheet (HTML) - Vishay Siliconix


VEML3328 Product details

DESCRIPTION
VEML3328 sensor senses red, green, blue, clear, and IR
light by incorporating photodiodes, amplifiers, and analog /
digital circuits into a single CMOS chip. With this sensor, the
brightness and color temperature of a display backlight can
be adjusted based on the ambient light source, and it can
differentiate indoor from outdoor lighting environments.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 2.0 x 1.25 x 1.0
• Integrated modules: color sensor and signal
conditioning IC
• Supports low transmittance (dark) lens design
• Provides 16-bit resolution for each channel
(R, G, B, C, and IR)
• Package: OPLGA4
• Temperature compensation: -40 °C to +85 °C
• Low power consumption I2C (SMBus compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus
• Operation voltage: 2.6 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automatic white balancing and color cast correction in
digital cameras
• Automatic LCD backlight adjustment
• Maintaining consistent true color and ideal brightness
levels on handheld displays as users move between
indoor and outdoor environments
• On / off light switching in industrial and consumer
applications
• Active monitoring of LED color output for IoT and smart
lighting




Similar Part No. - VEML3328

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML3328 VISHAY-VEML3328 Datasheet
626Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML3328 VISHAY-VEML3328 Datasheet
603Kb / 12P
RGBCIR Color Sensor With I2C Interface
07-Sep-2021
VEML3328SL VISHAY-VEML3328SL Datasheet
388Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML3328SL VISHAY-VEML3328SL Datasheet
459Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
VEML3328SL VISHAY-VEML3328SL Datasheet
460Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
More results


Similar Description - VEML3328

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT Datasheet
214Kb / 9P
I2C interface-compatible color sensor
logo
Vishay Siliconix
VEML6040 VISHAY-VEML6040 Datasheet
397Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
logo
Everlight Electronics C...
EAAPMST3923A1 EVERLIGHT-EAAPMST3923A1 Datasheet
552Kb / 17P
Proximity Sensor with I2C Interface
logo
Vishay Siliconix
VEML3328SL VISHAY-VEML3328SL Datasheet
388Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML3328 VISHAY-VEML3328 Datasheet
626Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML6040 VISHAY-VEML6040_V01 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
VEML3328SL VISHAY-VEML3328SL_V01 Datasheet
459Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
VEML3328SL VISHAY-VEML3328SL_V02 Datasheet
460Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
VEML3328 VISHAY-VEML3328_V02 Datasheet
603Kb / 12P
RGBCIR Color Sensor With I2C Interface
07-Sep-2021
VEML6040 VISHAY-VEML6040_V02 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com