Electronic Components Datasheet Search
  English  ▼

X  

TC51832ASPL Datasheet (PDF) - Toshiba Semiconductor

TC51832ASPL Datasheet PDF - Toshiba Semiconductor
Part # TC51832ASPL
Download  TC51832ASPL Download
File Size   449.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51832ASPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC51832ASPL Datasheet PDF - Toshiba Semiconductor

Part # TC51832ASPL
Download  TC51832ASPL Click to download

File Size   449.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51832ASPL Datasheet (HTML) - Toshiba Semiconductor


TC51832ASPL Product details

Description
The TC51832AP is a 256K bit high speed CMOS pseudo static RAM organized as 32,768 words by 8 bits. The TC51832AP utilizes
a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power storage. The
TC51832AP operates from a single 5V power supply. Refreshing is supported by a refresh (RFSH) input which enables two types of
refreshing - auto refresh and self refresh. The TC51832AP features a static RAM-like interface with a write cycle in which the input
data is written into the memory cell at the rising edge of RW thus simplifying the microprocessor interface.
The TC51832AP is pin-compatible with the 256K bit CMOS static RAM JEDEC standard and is available in a 28-pin, 0.6 inch
and 0.3 inch width plastic DIP, and a small outline plastic flat package.

Features
• Organization: 32,768 words x 8 bits
• Single 5V power supply
• Fast access time
tCEA CE Access Time
TOEA OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current
-70
70ns
30ns
115ns
385mW
TC51832A Family
- TC51832AP/APL
TC51832ASP/ASPL
TC51832AF/AFL
-85
85ns
35ns
135ns
303mW
1mA/100μA
Self refresh is supported by an internal timer
• Inputs and outputs TTL compatible
• Auto refresh is supported by an internal refresh address
counter
• Refresh: 256 refresh cycles/4ms
• Pin compatible: 256K SRAM (JEDEC)
• Package
-10
100ns
40ns
: DIP28-P-600
: DIP28-P-300B
: SOP28-P-450
160ns
248mW




Similar Part No. - TC51832ASPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC51832F-10 TOSHIBA-TC51832F-10 Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
TC51832F-12 TOSHIBA-TC51832F-12 Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
TC51832F-85 TOSHIBA-TC51832F-85 Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
TC51832FL-10 TOSHIBA-TC51832FL-10 Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
TC51832FL-12 TOSHIBA-TC51832FL-12 Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC51832ASPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
05-Aug-1998
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com