Electronic Components Datasheet Search
  English  ▼

X  

6N137 Datasheet (PDF) - Vishay Siliconix

6N137 Datasheet PDF - Vishay Siliconix
Part # 6N137
Download  6N137 Download
File Size   250.05 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Single and Dual, 10 MBd

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - Vishay Siliconix

Part # 6N137
Download  6N137 Click to download

File Size   250.05 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Single and Dual, 10 MBd

6N137 Datasheet (HTML) - Vishay Siliconix


6N137 Product details

DESCRIPTION
The 6N137, VO2601, and VO2611 are single channel
10 MBd optocouplers utilizing a high efficient input LED
coupled with an integrated optical photodiode IC detector.
The detector has an open drain NMOS-transistor output,
providing less leakage compared to an open collector
Schottky clamped transistor output. The VO2630, VO2631,
and VO4661 are dual channel 10 MBd optocouplers. For the
single channel type, an enable function on pin 7 allows the
detector to be strobed. The internal shield provides a
guaranteed common mode transient immunity of 5 kV/μs for
the VO2601 and VO2631 and 15 kV/μs for the VO2611 and
VO4661. The use of a 0.1 μF bypass capacitor connected
between pin 5 and 8 is recommended.

FEATURES
• Choice of CMR performance of 15 kV/μs,
5 kV/μs, and 1000 V/μs
• High speed: 10 MBd typical
• +5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability of 5 mA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Microprocessor system interface
• PLC, ATE input / output isolation
• Computer peripheral interface
• Digital fieldbus isolation: CC-link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination, noise isolation

AGENCY APPROVALS
• UL1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• CQC GB8898-2011
• CQC GB4943.1-2011




Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
logo
Agilent(Hewlett-Packard...
6N137 HP-6N137 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
6N137 HP-6N137 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
More results


Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
High Speed Optocoupler, Dual, 5 MBd
26-Oct-04
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
27-Sep-16
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com