Electronic Components Datasheet Search
  English  ▼

X  

6N135 Datasheet (PDF) - Vishay Siliconix

6N135 Datasheet PDF - Vishay Siliconix
Part # 6N135
Download  6N135 Download
File Size   221.2 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output

6N135 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N135 Datasheet PDF - Vishay Siliconix

Part # 6N135
Download  6N135 Click to download

File Size   221.2 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output

6N135 Datasheet (HTML) - Vishay Siliconix


6N135 Product details

DESCRIPTION
The 6N135 and 6N136 are optocouplers with a GaAIAs
infrared emitting diode, optically coupled with an integrated
photo detector which consists of a photo diode and a
high-speed transistor in a DIP-8 plastic package.
Signals can be transmitted between two electrically
separated circuits up to frequencies of 2 MHz. The potential
difference between the circuits to be coupled should not
exceed the maximum permissible reference voltages.

FEATURES
• Isolation test voltages: 5300 VRMS
• TTL compatible
• High bit rates: 1 Mbit/s
• High common-mode interference immunity
• Bandwidth 2 MHz
• Open-collector output
• External base wiring possible
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

AGENCY APPROVALS
• UL1577 file no. E52744, double protection
• DIN EN 60747-5-5 (VDE0884-5) available with option 1
• cUL components acceptance service no. 5A
• CQC GB8898-2011, GB4943.1-2011




Similar Part No. - 6N135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Similar Description - 6N135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
27-Apr-04
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Nov-03
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
07-May-08
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
10-Jan-08
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
02-Nov-15
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Sep-2021
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
10-Nov-2021
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com