Electronic Components Datasheet Search
  English  ▼

X  

VO3022 Datasheet (PDF) - Vishay Siliconix

VO3022 Datasheet PDF - Vishay Siliconix
Part # VO3022
Download  VO3022 Download
File Size   203.94 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, 400 VDRM

VO3022 Datasheet (PDF)

Go To PDF Page Download Datasheet
VO3022 Datasheet PDF - Vishay Siliconix

Part # VO3022
Download  VO3022 Click to download

File Size   203.94 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, 400 VDRM

VO3022 Datasheet (HTML) - Vishay Siliconix


VO3022 Product details

DESCRIPTION
The VO302x series consists of a phototriac optically
coupled to a gallium arsenide infrared-emitting diode in a
6-lead plastic dual inline package

FEATURES
• 400 V blocking voltage
• Isolation test voltage, 5000 VRMS, t = 1 min
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• High current triac driver
• Solid-state relay
• Switch small AC loads

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option “1”
• CQC GB8898-2011
• CQC GB4943.1-2011
• FIMKO




Similar Part No. - VO3022

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3022 VISHAY-VO3022 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
VO3022 VISHAY-VO3022 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO3022-X001 VISHAY-VO3022-X001 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO3022-X006 VISHAY-VO3022-X006 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO3022-X007T VISHAY-VO3022-X007T Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
More results


Similar Description - VO3022

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
Optocoupler, Phototriac Output
26-Apr-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
Optocoupler, Phototriac Output
11-Apr-05
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com