Electronic Components Datasheet Search
  English  ▼

X  

CNY64 Datasheet (PDF) - Vishay Siliconix

CNY64 Datasheet PDF - Vishay Siliconix
Part # CNY64
Download  CNY64 Download
File Size   164.82 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Very High Isolation Voltage

CNY64 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY64 Datasheet PDF - Vishay Siliconix

Part # CNY64
Download  CNY64 Click to download

File Size   164.82 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Very High Isolation Voltage

CNY64 Datasheet (HTML) - Vishay Siliconix


CNY64 Product details

DESCRIPTION
The CNY64, CNY65, and CNY66 consist of a
phototransistor optically coupled to a gallium arsenide
infrared-emitting diode in a 4 pin plastic package.
The single components are mounted opposite one another,
providing a distance between input and output for highest
safety requirements of > 3 mm.

APPLICATIONS
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
• for appl. class I to IV at mains voltage ≤ 300 V
• for appl. class I to IV at mains voltage ≤ 600 V
• for appl. class I to III at mains voltage ≤ 1000 V according
to DIN EN 60747-5-5 (VDE 0884-5), suitable for:
- Switch-mode power supplies
- Line receiver
- Computer peripheral interface
- Microprocessor system interface

FEATURES
• Rated recurring peak voltage (repetitive)
VIORM = 1450 Vpeak
• Thickness through insulation ≥ 3 mm
• Creepage current resistance according to
VDE 0303 / IEC 60112 comparative tracking
index: CTI ≥ 200
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

VDE STANDARDS
These couplers perform safety functions according to the
following equipment standards:
• DIN EN 60747-5-5 (VDE 0884-5)
Optocoupler for electrical safety requirements
• IEC 60950/EN 60950
Office machines
• VDE 0804
Telecommunication apparatus and data processing
• IEC 60065
Safety for mains-operated electronic and related
household apparatus
• VDE 0700/IEC 60335
Household equipment
• VDE 0160
Electronic equipment for electrical power installation
• VDE 0750/IEC60601
Medical equipment

AGENCY APPROVALS
• UL / cUL 1577
• DIN EN 60747-5-5 (VDE 0884-5)




Similar Part No. - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
198Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,Very High Isolation Voltage
20-Oct-08
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64 Datasheet
686Kb / 9P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE
CNY64 EVERLIGHT-CNY64 Datasheet
430Kb / 11P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
More results


Similar Description - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Oct-04
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,Very High Isolation Voltage
20-Oct-08
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
20-Sep-11
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
20-Sep-11
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
12-Feb-14
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
24-Jun-2022
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
24-Jun-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com