Electronic Components Datasheet Search
  English  ▼

X  

CNY17F Datasheet (PDF) - Vishay Siliconix

CNY17F Datasheet PDF - Vishay Siliconix
Part # CNY17F
Download  CNY17F Download
File Size   210.28 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, no Base Connection

CNY17F Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY17F Datasheet PDF - Vishay Siliconix

Part # CNY17F
Download  CNY17F Click to download

File Size   210.28 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, no Base Connection

CNY17F Datasheet (HTML) - Vishay Siliconix


CNY17F Product details

DESCRIPTION
The CNY17F is an optocoupler consisting of a gallium
arsenide infrared emitting diode optically coupled to a
silicon planar phototransistor detector in a plastic plug-in
DIP-6 package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The potential
difference between the circuits to be coupled is not allowed
to exceed the maximum permissible reference voltages.
In contrast to the CNY17 series, the base terminal of the
F type is not conected, resulting in a substantially improved
common-mode interference immunity.

FEATURES
• Isolation test voltage, 5000 VRMS
• No base terminal connection for improved
common mode interface immunity
• Long term stability
• Industry standard dual-in-line package
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912

AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is CNY17F. This model number should be
used when consulting safety agency documents.
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI: EN 60065, EN 60950-1
• FIMKO EN60950
• CQC GB8898-2011




Similar Part No. - CNY17F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CNY17F SIEMENS-CNY17F Datasheet
210Kb / 4P
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER
CNY17F SIEMENS-CNY17F Datasheet
182Kb / 4P
single channel phototransistor optocoupler no base connection
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, No Base Connection
26-Oct-04
logo
List of Unclassifed Man...
CNY17F ETC2-CNY17F Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17F ETC1-CNY17F Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results


Similar Description - CNY17F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, No Base Connection
26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
Optocoupler, Phototransistor Output, No Base Connection
11-Jan-08
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
Optocoupler, Phototransistor Output,no Base Connection
07-May-08
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
Optocoupler, Phototransistor Output, No Base Connection
11-Jan-08
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
25-Oct-12
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
02-Jul-13
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
Optocoupler, Phototransistor Output, no Base Connection
13-Sep-11
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
08-Jan-14
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
Optocoupler, Phototransistor Output, no Base Connection
04-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com