Electronic Components Datasheet Search
  English  ▼

X  

AD4632-16 Datasheet (PDF) - Analog Devices

AD4632-16 Datasheet PDF - Analog Devices
Part # AD4632-16
Download  AD4632-16 Download
File Size   2034.5 Kbytes
Page   51 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs

AD4632-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4632-16 Datasheet PDF - Analog Devices

Part # AD4632-16
Download  AD4632-16 Click to download

File Size   2034.5 Kbytes
Page   51 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs

AD4632-16 Datasheet (HTML) - Analog Devices


AD4632-16 Product details

GENERAL DESCRIPTION
The AD4630-16/AD4632-16 are 2-channel, simultaneous sampling,
Easy Drive™, 2 MSPS or 500 kSPS successive approximation register
(SAR), analog-to-digital converters (ADCs). With a guaranteed
maximum ±3 ppm integral nonlinearity (INL) and no missing codes
at 16-bits, the AD4630-16/AD4632-16 achieve excellent precision
from −40°C to +125°C. Figure 1 shows the functional architecture of
the AD4630-16/AD4632-16.
A low-drift, internal precision-reference buffer eases voltage-reference
sharing with other system circuitry. The AD4630-16/
AD4632-16 offer a typical dynamic range of 97.4 dB when using a 5
V reference. The low noise floor enables signal chains utilizing less
gain and lower power. A block averaging filter with programmable
decimation ratio is available and can reduce noise for low-bandwidth
signals, improving accuracy. The wide differential input and
common-mode ranges allow inputs to use the full voltage reference
(±VREF) range without saturating, simplifying signal-conditioning
requirements and system calibration. The improved settling of the
Easy Drive analog inputs broadens the selection of analog front end
(AFE) components compatible with the AD4630-16/AD4632-16.
Both single-ended and differential signals are supported.
The versatile Flexi-SPI serial-peripheral interface (SPI) eases host
processor and ADC integration. A wide data-clocking window, multiple
serial-data output (SDO) lanes, and optional dual data rate
(DDR) data clocking can reduce the serial clock to 10 MHz while
operating at a sample rate of 2 MSPS. Echo clock mode can relax
the timing requirements and simplify the use of digital isolators.
The ball grid array (BGA) package of the AD4630-16/AD4632-16
integrates all critical power supply and reference bypass capacitors,
reducing the footprint and system-component count, and lessening
sensitivity to board layout.

FEATURES
► High performance
► Throughput: 2 MSPS (AD4630-16) or 500 kSPS (AD4632-16)
per channel maximum
► INL: ±3 ppm maximum from −40°C to +125°C
► SNR: 97.4 dB typical
► THD: −127 dB typical
► NSD: −157.4 dBFS/Hz typical
► Low power
► 15 mW per channel at 2 MSPS
► 5 mW per channel at 500 kSPS
► 1.5 mW per channel at 10 kSPS
► Easy Drive features reduce system complexity
► Low 0.6 μA input current for DC inputs
► Wide common-mode input range: −(1/128) × VREF to
+(129/128) × VREF
► Flexible external reference voltage range: 4.096 V to 5 V
► Accurate integrated reference buffer with 2 μF bypass capacitor
► Programmable block averaging filter with up to 216 decimation
► Extended sample resolution to 30 bits
► Overrange and synchronization bits
► Flexi-SPI digital interface
► 1, 2, or 4 SDO lanes per channel allows slower SCK
► Echo clock mode simplifies use of digital isolator
► Compatible with 1.2 V to 1.8 V logic
► 7 mm × 7 mm 64-Ball CSP_BGA package with internal supply
and reference capacitors to help reduce system footprint

APPLICATIONS
► Automatic test equipment
► Digital control loops
► Medical instrumentation
► Seismology
► Semiconductor manufacturing
► Scientific instrumentation




Similar Part No. - AD4632-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4632-24 AD-AD4632-24 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4632-24BBCZ AD-AD4632-24BBCZ Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4632-24BBCZ-RL AD-AD4632-24BBCZ-RL Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results


Similar Description - AD4632-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4684 AD-AD4684 Datasheet
1Mb / 32P
1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com