Electronic Components Datasheet Search
  English  ▼

X  

345178-2 Datasheet (PDF) - TE Connectivity Ltd

345178-2 Datasheet PDF - TE Connectivity Ltd
Part # 345178-2
Download  345178-2 Download
File Size   9186.02 Kbytes
Page   80 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description MULTILOCK Connector System

345178-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
345178-2 Datasheet PDF - TE Connectivity Ltd

Part # 345178-2
Download  345178-2 Click to download

File Size   9186.02 Kbytes
Page   80 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description MULTILOCK Connector System

345178-2 Datasheet (HTML) - TE Connectivity Ltd


345178-2 Product details

Features
 Contacts are spaced at
2.5 mm centerline.
 Connectors are easy to
handle.
 Connectors are consisted
of plug housings, receptacle
contacts for wire termination,
and cap housing assemblies
for horizontal and vertical
mountings on PC boards.
 The contacting point of a
receptacle contact is
designed to be protected.
 The plug housings are
provided with double-lock
mechanism integrated into
the body which ensures
complete contact insertions
into housings.
 The cap housing assemblies
of 36, 48, 64 Positions of
horizontal board mounting
types are also available with
hybrid styles to accept signal
circuits with .040 series and
power circuits with .070.




Similar Part No. - 345178-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3451 ETC1-3451 Datasheet
48Kb / 1P
4700
logo
ASM GmbH
3451 ASM-SENSOR-3451 Datasheet
866Kb / 2P
M廓 HiTESTER
logo
Belden Inc.
3451 BELDEN-3451 Datasheet
511Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Littelfuse
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
345101 LITTELFUSE-345101 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
More results


Similar Description - 345178-2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
2.0 CONNECTOR SYSTEM
logo
Tyco Electronics
1123387-1 MACOM-1123387-1 Datasheet
46Kb / 1P
040III MULTILOCK CONNECTOR
316991-6 MACOM-316991-6 Datasheet
71Kb / 1P
MULTILOCK Connectors and Contacts
logo
List of Unclassifed Man...
174922-1 ETC2-174922-1 Datasheet
26Kb / 1P
.070 MULTILOCK Connectors Wire to wire Applications
logo
Tyco Electronics
1565543-1 MACOM-1565543-1 Datasheet
57Kb / 1P
12POSITIONS CAP HOUSING ASSEMBLY 040 MULTILOCK CONNECTOR MK-II VERTICAL TYPE
logo
Molex Electronics Ltd.
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
PicoBlade Connector System
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
PicoBlade Connector System
logo
TE Connectivity Ltd
2822343-1 TEC-2822343-1 Datasheet
293Kb / 5P
Housing for Female Terminals, Wire-to-Wire, 7 Position, .079 in [2 mm] Centerline, Sealable, Green, Power, Multilock Connector System
12/19/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com