Electronic Components Datasheet Search
  English  ▼

X  

OPF2414C Datasheet (PDF) - OPTEK Technologies

OPF2414C Datasheet PDF - OPTEK Technologies
Part # OPF2414C
Download  OPF2414C Download
File Size   420.44 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description 850nm Fiber Optic Receiver Module in Dual-in-Line Package

OPF2414C Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF2414C Datasheet PDF - OPTEK Technologies

Part # OPF2414C
Download  OPF2414C Click to download

File Size   420.44 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description 850nm Fiber Optic Receiver Module in Dual-in-Line Package

OPF2414C Datasheet (HTML) - OPTEK Technologies


OPF2414C Product details

Description
The OPF2406/2416 is a low cost solution for high speed fiber optic communication designs. The lensing of the OPF24X6 optimizes response for fiber sizes of 100 μm and smaller.

Features
● Low Cost
● Data Rates up to 155 MBd
● Wide Temperature Range
● Link Distances up to 4 km
● SMA, ST*, or Panel Mount ST Style Ports
● Wave Solderable




Similar Part No. - OPF2414C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF2414 OPTEK-OPF2414 Datasheet
535Kb / 2P
25 MHZ FIBER OPTIC RECEIVER
OPF2414T OPTEK-OPF2414T Datasheet
535Kb / 2P
25 MHZ FIBER OPTIC RECEIVER
More results


Similar Description - OPF2414C

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
FIBER OPTIC Receiver Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com