Electronic Components Datasheet Search
  English  ▼

X  

HPWW0218BK Datasheet (PDF) - Hubbell Incorporated.

HPWW0218BK Datasheet PDF - Hubbell Incorporated.
Part # HPWW0218BK
Download  HPWW0218BK Download
File Size   1466.25 Kbytes
Page   12 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Wire Basket Tray System Cable Management

HPWW0218BK Datasheet (PDF)

Go To PDF Page Download Datasheet
HPWW0218BK Datasheet PDF - Hubbell Incorporated.

Part # HPWW0218BK
Download  HPWW0218BK Click to download

File Size   1466.25 Kbytes
Page   12 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Wire Basket Tray System Cable Management

HPWW0218BK Datasheet (HTML) - Hubbell Incorporated.


HPWW0218BK Product details

Features
• T-weld construction prevents snags
• 5mm round wire on smaller sizes
• 6mm round wire on larger sizes
• High load rating
• Easy to cut and fabricate fittings in the field
• 100% recycled steel
• Use factory support hardware or fabricate
supports on the job site
• 2" x 4" mesh opening
• Painted tray includes factory installed
masking to assure proper grounding at
splices; no need to remove paint
during installation




Similar Part No. - HPWW0218BK

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HPW OHMITE-HPW Datasheet
310Kb / 2P
High Precision Welded Axial and Radial
logo
Samtec, Inc
HPW SAMTEC-HPW Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
logo
EUROQUARTZ limited
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
14 pin Dual-in-Line
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
7x5mm SMD 6 pad
HPW62 EUROQUARTZ-HPW62 Datasheet
231Kb / 1P
11.4 x 9.6mm SMD 6 pad
More results


Similar Description - HPWW0218BK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
GSM Power-Management System
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 1; 11/11
MAX31782 MAXIM-MAX31782_12 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 2; 1/12
logo
PANDUIT CORP.
CMRPSH15 PANDUIT-CMRPSH15 Datasheet
349Kb / 2P
NETFRAME Cable Management Rack System
logo
Richco, Inc.
SRCC-1 RICHCO-SRCC-1 Datasheet
195Kb / 1P
FIBER, WIRE CABLE MANAGEMENT
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
Power Management System
logo
Tripp Lite. All Rights ...
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com