Electronic Components Datasheet Search
  English  ▼

X  

RT6213B Datasheet (PDF) - Richtek Technology Corporation

RT6213B Datasheet PDF - Richtek Technology Corporation
Part # RT6213B
Download  RT6213B Download
File Size   1098.65 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Peak, 18V, 500kHz, ACOTTM Step-Down Converter

RT6213B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6213B Datasheet PDF - Richtek Technology Corporation

Part # RT6213B
Download  RT6213B Click to download

File Size   1098.65 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Peak, 18V, 500kHz, ACOTTM Step-Down Converter

RT6213B Datasheet (HTML) - Richtek Technology Corporation


RT6213B Product details

Features
 Integrated 150m/70m MOSFETs
 4.5V to 18V Supply Voltage Range
 500kHz Switching Frequency
 ACOT Control
 0.8V  1.5% Voltage Reference
 Internal Start-Up into Pre-biased Outputs
 Compact Package: TSOT-23-6 pin
 Input Under-Voltage Lockout
 Over-Current Protection and Hiccup
Applications
 Set-Top Boxes
 Portable TVs
 Access Point Routers
 DSL Modems
 LCD TVs




Similar Part No. - RT6213B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212AHGJ6F RICHTEK-RT6212AHGJ6F Datasheet
1Mb / 18P
Step-Down Converter
RT6212AHRGJ6F RICHTEK-RT6212AHRGJ6F Datasheet
1Mb / 18P
Step-Down Converter
RT6212B RICHTEK-RT6212B Datasheet
1Mb / 18P
Step-Down Converter
RT6212BHGJ6F RICHTEK-RT6212BHGJ6F Datasheet
1Mb / 18P
Step-Down Converter
More results


Similar Description - RT6213B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
18V, 3A, 500KHz Synchronous Step-Down
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com