Electronic Components Datasheet Search
  English  ▼

X  

34420A Datasheet (PDF) - TDK Electronics

34420A Datasheet PDF - TDK Electronics
Part # 34420A
Download  34420A Download
File Size   181.03 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound ferrite

34420A Datasheet (PDF)

Go To PDF Page Download Datasheet
34420A Datasheet PDF - TDK Electronics

Part # 34420A
Download  34420A Click to download

File Size   181.03 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound ferrite

34420A Datasheet (HTML) - TDK Electronics


34420A Product details

FEATURES
-Magnetic shield type wound inductor for power circuits.
-High magnetic shield construction achieved by a magnetic material and compatible with high-density mounting.
-Larger current and lower Rdc were achieved by optimizing the ferrite core figure.
-Operating temperature range: –40 to +150 °C (including self-temperature rise)

APPLICATION
Automotive-related equipment (PoC, headlights, airbags, short-range radar, electric power steering, various electronic control units,etc.)




Similar Part No. - 34420A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34420A HP-34420A Datasheet
102Kb / 4P
NanoVolt/Micro-Ohm Meter
logo
Keysight Technologies
34420A KEYSIGHT-34420A Datasheet
532Kb / 6P
NanoVolt/Micro-Ohm Meter
logo
Agilent(Hewlett-Packard...
34420A-1CM HP-34420A-1CM Datasheet
102Kb / 4P
NanoVolt/Micro-Ohm Meter
34420A-A6J HP-34420A-A6J Datasheet
102Kb / 4P
NanoVolt/Micro-Ohm Meter
34420A-ABA HP-34420A-ABA Datasheet
102Kb / 4P
NanoVolt/Micro-Ohm Meter
More results


Similar Description - 34420A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
Inductors for Power Circuits Wound Ferrite
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com