Electronic Components Datasheet Search
  English  ▼

X  

104990606 Datasheet (PDF) - List of Unclassifed Manufacturers

104990606 Datasheet PDF - List of Unclassifed Manufacturers
Part # 104990606
Download  104990606 Download
File Size   1257.65 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Nextion Intelligent NX8048P070-011R - Generic 7.0' HMI 800*480 Touch Display for Arduino Raspberry Pi

104990606 Datasheet (PDF)

Go To PDF Page Download Datasheet
104990606 Datasheet PDF - List of Unclassifed Manufacturers

Part # 104990606
Download  104990606 Click to download

File Size   1257.65 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Nextion Intelligent NX8048P070-011R - Generic 7.0' HMI 800*480 Touch Display for Arduino Raspberry Pi

104990606 Datasheet (HTML) - List of Unclassifed Manufacturers


104990606 Product details

Description Nextion is a Human Machine Interface(HMI) solution that provides a control and visualization interface between a human and a process, machine, application, or appliance. Nextion is not just a touch display, and it has a hardware part and a software part which is well developed for HMI applications. Nextion(NX8048P070-011R) display is an IPS display with a resolution of 800*480. The touch panel for this display is resistive touch. Nextion has only one serial(TTL) for power supply or connection with peripheral devices like Arduino board or Raspberry Pi. What ‘s more? Nextion display has an MCU, and its frequency is up to 200MHz. With the help of 120MB flash, 512KB RAM,1024 Byte EEPROM, and an SD card socket, this display is embedded with a rich storage for HMI programming. Different from the other type"T" Nextion displays, this type"P" Nextion has 8 extra GPIOs(two of which are PWM pins) for connecting peripheral equipment. And there is an RTC module on the display for controlling these devices in real-time.

Key Features
• Nextion IPS resistive touch display
• 7.0” with 800*480 resolution
• Providing HMI function for external device like Arduino board or Raspberry Pi
• Including GUI development software and many API commands for GUI development




Similar Part No. - 104990606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
104990602 ETC-104990602 Datasheet
688Kb / 7P
Nextion Enhanced NX3224T024 ‐ Generic 2.4 HMI 320*240 Touch Display for Arduino Raspberry Pi
104990604 ETC-104990604 Datasheet
1Mb / 8P
Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi
104990605 ETC-104990605 Datasheet
924Kb / 8P
Nextion Enhanced NX4827T043 - Generic 4.3' HMI 480*272 Touch Display for Arduino Raspberry Pi
More results


Similar Description - 104990606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-32-PTU-PI ETC2-ULCD-32-PTU-PI Datasheet
440Kb / 10P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
3187 ETC2-3187 Datasheet
83Kb / 1P
SmartiPi Touch - Stand for Raspberry Pi 7 Touchscreen Display
logo
STMicroelectronics
STM32-EMBPI STMICROELECTRONICS-STM32-EMBPI Datasheet
195Kb / 3P
Embedded Pi, triple-play platform for STM32, Raspberry Pi and Arduino?
October 2013 Rev 1
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
104990602 ETC-104990602 Datasheet
688Kb / 7P
Nextion Enhanced NX3224T024 ‐ Generic 2.4 HMI 320*240 Touch Display for Arduino Raspberry Pi
104990604 ETC-104990604 Datasheet
1Mb / 8P
Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi
104990605 ETC-104990605 Datasheet
924Kb / 8P
Nextion Enhanced NX4827T043 - Generic 4.3' HMI 480*272 Touch Display for Arduino Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com