Electronic Components Datasheet Search
  English  ▼

X  

73M1906BVT Datasheet (PDF) - Teridian Semiconductor Corporation

73M1906BVT Datasheet PDF - Teridian Semiconductor Corporation
Part # 73M1906BVT
Download  73M1906BVT Download
File Size   1114.11 Kbytes
Page   88 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description MicroDAA™ with PCM Highway

73M1906BVT Datasheet (PDF)

Go To PDF Page Download Datasheet
73M1906BVT Datasheet PDF - Teridian Semiconductor Corporation

Part # 73M1906BVT
Download  73M1906BVT Click to download

File Size   1114.11 Kbytes
Page   88 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description MicroDAA™ with PCM Highway

73M1906BVT Datasheet (HTML) - Teridian Semiconductor Corporation


73M1906BVT Product details

DESCRIPTION
The 73M1866B and 73M1966B use the Teridian patented Data Access Arrangement function (MicroDAA®) designed exclusively for Foreign-Exchange-Office (FXO) in Voice-over-IP (VoIP) applications. These devices provide much of the circuitry required to connect PCM formatted voice channels to a PSTN via a two-wire twisted pair interface. The package options provide the necessary functional programmability and protection required for easy worldwide homologation.
The family of devices consists of the 73M1866B and the 73M1966B. The 73M1866B MicroDAA is the world’s first single-package silicon Data Access Arrangement (DAA). Suitable applications for the 73M1866B and 73M1966B devices include VoIP equipment that must provide connectivity to the PSTN for purposes of guaranteeing emergency service calling, redundancy for supplementary connectivity for voice, and maintenance services.
The 73M1966B device set consists of the 73M1906B Host-Side Device that provides digital data, control interfaces and power to the 73M1916 Line-Side Device.
These devices are based on an innovative and patented technology, which sets new standards in reliability and cost. A small pulse transformer forms a digital isolation barrier, transferring both power and data to the PSTN line-side components. This method results in reliable operation in the presence of EMI and a tolerance to line voltage variations by providing power to the Line-Side Device across the barrier. The devices also support the ability to provide up to an additional +6 dB of analog gain to the line-side transmit and +3 dB in the receive signal paths. The device supports transmit and receive digital gain ranging from –18 dB to +7.375 dB by increments of 0.125 dB.
The digital side provides a PCM highway interface with automatic clock rate detection. With an 8-kHz sampling rate, the devices include an ITU-T G.711 compliant codec with selectable μ-law and A-law companding modes. The devices also provide a 16-bit linear mode, which is suitable for interfacing with wide band codecs, as well as 16 kHz sampling rate. Device control is performed over an SPI interface. The SPI supports daisy chain operation.
Through its PCM interface, the 73M1966B can be connected to other PCM enabled devices such as POTS codecs, ISDN codecs, E1/T1 framers, etc.
Additional DAA functions supported by the 73M1x66B devices include a call progress monitor, Caller ID Type I and II, ring detection, pulse dialing, billing tone detection and polarity reversal detection.

APPLICATIONS
. Computer Telephony
. VOIP Equipment
. PBX Systems
. Internet Appliances
. Voicemail Systems
. POTS Termination Equipment

FEATURES
• PCM highway data interface supporting both slave and master modes
• PCM highway interface supporting both E-1 and T-1
• SPI control interface, with daisy chain support for up to 16 devices
• Designed to meet global DAA compliance FCC, ETSI ES 203 021-2, JATE and other PTT standards.
• 8 kHz and 16 kHz sample rates
• 16-bit linear mode
• TX and RX gains adjustable in 0.125 dB increments
• μ-Law, A-law ITU-T Recommendation G.711 compliant compander operation
• Automatic clock rate detection
• Low power modes
• Polarity Reversal detection
• GPIO for user-configurable I/O ports
• Call Progress Monitor
• Isolation up to 6 kV
• THD -80 dB
• 5 V tolerant I/O on selected pins
• 3.0 V – 3.6 V operating voltage
• Industrial temperature range (-40 °C to +85 °C)
• 5x5 mm 32-pin QFN or 20-pin TSSOP packages
• RoHS compliant (6/6) lead-free package




Similar Part No. - 73M1906BVT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1906B TERIDIAN-73M1906B Datasheet
345Kb / 18P
Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
More results


Similar Description - 73M1906BVT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTSI1K16T AGERE-TTSI1K16T Datasheet
1Mb / 64P
1024-Channel, 16-Highway Time-Slot Interchanger
February 1999
TTSI2K32T AGERE-TTSI2K32T Datasheet
1Mb / 66P
2048-Channel, 32-Highway Time-Slot Interchanger
February 1999
TTSI4K32T AGERE-TTSI4K32T Datasheet
1Mb / 64P
4096-Channel, 32-Highway Time-Slot Interchanger
June 2000
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
ADPCM WITH PCM CODEC
logo
List of Unclassifed Man...
MS27656T19F35S ETC2-MS27656T19F35S Datasheet
2Mb / 36P
Computerized tools, reshaping the information highway
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
PCM highway data interface law A-law companding SPI control interface GCl interface
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
logo
Maxim Integrated Produc...
73M1822 MAXIM-73M1822 Datasheet
1Mb / 82P
73M1822/73M1922 MicroDAA Silicon DAA with Serial Interface
Rev. 1.6
logo
Ultralife Corporation.
UBP053450 ULTRALIFE-UBP053450 Datasheet
286Kb / 2P
PCM
Rev: U
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
PCM
Rev: L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com