Electronic Components Datasheet Search
  English  ▼

X  

SI2300DS Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SI2300DS Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SI2300DS
Download  SI2300DS Download
File Size   2527.5 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

SI2300DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2300DS Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SI2300DS
Download  SI2300DS Click to download

File Size   2527.5 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

SI2300DS Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SI2300DS Product details

Description
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a Battery protection or in other Switching application.
The uses advanced trench technology Si2300DS

General Features
VDS = 30V ID =4.2A
RDS(ON) < 38mΩ @ VGS=10V

Application
Lithium battery protection Wireless impact
Mobile phone fast charging




Similar Part No. - SI2300DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2300DS VISHAY-SI2300DS Datasheet
125Kb / 7P
N-Channel 30-V (D-S) MOSFET
18-Jan-10
SI2300DS VISHAY-SI2300DS Datasheet
125Kb / 7P
N-Channel 30-V (D-S) MOSFET
18-Jan-10
logo
Vishay Telefunken
SI2300DS TFUNK-SI2300DS Datasheet
240Kb / 10P
N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2300DS VISHAY-SI2300DS Datasheet
206Kb / 9P
N-Channel 30 V (D-S) MOSFET
18-Jan-10
logo
TECH PUBLIC Electronics...
SI2300DS TECHPUBLIC-SI2300DS Datasheet
2Mb / 4P
30V N-Channel MOSFET
More results


Similar Description - SI2300DS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com