Electronic Components Datasheet Search
  English  ▼

X  

STA1295 Datasheet (PDF) - STMicroelectronics

STA1295 Datasheet PDF - STMicroelectronics
Part # STA1295
Download  STA1295 Download
File Size   2315.94 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Accordo5 - Automotive infotainment processors for display audio and cluster applications

STA1295 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA1295 Datasheet PDF - STMicroelectronics

Part # STA1295
Download  STA1295 Click to download

File Size   2315.94 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Accordo5 - Automotive infotainment processors for display audio and cluster applications

STA1295 Datasheet (HTML) - STMicroelectronics


STA1295 Product details

Features
• AEC-Q100 qualified Grade 3
Core and infrastructure
• ARM® Single or Dual Core Cortex® A7 up to
650 MHz with NEON instructions and FPU
• Memory organization
– L1 Cache: 32 KB instruction, 32 KB data
– L2 Cache: 256 KB
– 768 KB embedded SRAM
– 16/32-bit DDR3L interface at 660 MHz
– Serial Quad IO NOR interface
– 16-bit Parallel NAND Controller
• 32-bit watchdog timer
• 16-channels DMA
• 8x 32-bit free running timers/counters
• 5x 16-bit Extended Function Timer (EFT) with
input capture/output compare and PWM
• Real Time Clock (RTC) with fraction readout
• Temperature sensor
Audio subsystem
• Sound processing DSP (450 MIPS)
• 6 stereo channels hardware sample rate
converter
• 6x Audio DAC with 103 dB SNR
A-weighted
• 6x Rx/Tx Audio interfaces (I2S/ multi-channel
ports, with SPI mode)
• 1x stereo ADC for AUX IN/Tuner with internal
switching logic (for 2 sources); 98 dB SNR
A-weighted
• 2x differential Mono ADC for Voice/Tel-IN with
internal switching logic; 98 dB SNR
A-weighted
Media interfaces
• 3x secure-digital multimedia memory card
interface (SD/MMC)
• 2x USB 2.0 Dual Role with integrated PHY
(Fast charger function supported)
• 1x RMII/RGMII Ethernet AVB MAC
• SPDIF with CDROM block decoder support
Display subsystem
• Multi-layer TFT dRGB Controller: up to 1080p
• Resistive Touch screen controller
• Video input port, ITU-601/656
• 3D graphics acceleration (OpenGL® ES 2.0)
• 2D graphics Bit Blit/Blend engine
• H264 / Multi-Format Video Decoder
Embedded secure vehicle interface
• Dedicated ARM® Cortex® M3 MCU
• 256 KB isolated embedded memory
• Secured NOR interface
• CAN interfaces: 1x CAN, 2x CAN FD
I/O interfaces
• 1x 10 channels 10-bits ADC
• 1x 6 channels ADC for DC detection
• 3x I2C multi-master/slave interfaces
• 4x UART controller
• 3x Synchronous Serial Port (SSP/SPI)
• 5x 32-bit GPIO ports
• JTAG based In-Circuit Emulator (ICE) with Embedded Trace Module
Operating conditions
• ARM_VDD, VDD: 1.14 V - 1.26 V
• VDD_IO_3V3: 3.3 V ±10%
• DDR3L VDDQ: 1.35 V ±5%
• VDD_IO_ON: 3.3 V ±10%,
• Ambient temperature range: -40°C / +85°C
• Junction temperature range: -40°C / +125°C

Description
STA1275 and STA1295 are fully automotive, power efficient Systems-On-Chip, targeting
cost effective processing solution for modern Display Audio Systems.
They feature a powerful single or dual core Cortex® A7 processor (depending on the
versions), a high performance 3D GPU engine, a multi-format video decoder engine, a
multi-layer multi-format display controller, an audio DSP, a complete set of standard
connectivity interfaces and a dedicated ARM® Cortex® M3 controller for real-time CAN /
Vehicle Interface Processing.




Similar Part No. - STA1295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA120 STMICROELECTRONICS-STA120 Datasheet
183Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120 STMICROELECTRONICS-STA120 Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120D STMICROELECTRONICS-STA120D Datasheet
183Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
logo
AUK corp
STA124 AUK-STA124 Datasheet
124Kb / 3P
PNP Silicon Transistor
More results


Similar Description - STA1295

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX51A FREESCALE-IMX51A Datasheet
1Mb / 160P
i.MX51A Automotive and Infotainment Applications Processors
IMX51A FREESCALE-IMX51A_10 Datasheet
2Mb / 172P
i.MX51A Automotive and Infotainment Applications Processors
MCIMX53XA FREESCALE-MCIMX53XA Datasheet
1Mb / 180P
i.MX53xA Automotive and Infotainment Applications Processors
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
IMX51AEC FREESCALE-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and infotainment applications processors
logo
NXP Semiconductors
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
IMX51AEC NXP-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and Infotainment Applications Processors
Rev. 6, 10/2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com