Electronic Components Datasheet Search
  English  ▼

X  

SM91602L Datasheet (PDF) - Bourns Electronic Solutions

SM91602L Datasheet PDF - Bourns Electronic Solutions
Part # SM91602L
Download  SM91602L Download
File Size   449.03 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM91602L LAN Transformer

SM91602L Datasheet (PDF)

Go To PDF Page Download Datasheet
SM91602L Datasheet PDF - Bourns Electronic Solutions

Part # SM91602L
Download  SM91602L Click to download

File Size   449.03 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SM91602L LAN Transformer

SM91602L Datasheet (HTML) - Bourns Electronic Solutions


SM91602L Product details

Features
Single port Gigabit Ethernet
Working voltage: 500 V
Hi-Pot: 4680 VDC
Design construction: Reinforced insulation
per IEC 60664-1 and IEC 62368-1
requirements
Creepage distance 5 mm min., Clearance
distance 5 mm min., pollution degree 2,
material group CTI I
RoHS compliant*




Similar Part No. - SM91602L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM91604L BOURNS-SM91604L Datasheet
426Kb / 4P
SM91604L LAN Transformer
REV. 09/23
SM91604L-E BOURNS-SM91604L-E Datasheet
426Kb / 4P
SM91604L LAN Transformer
REV. 09/23
More results


Similar Description - SM91602L

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
749020022A WURTH-749020022A Datasheet
300Kb / 3P
LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
LAN-Transformer WE-LAN
2017-05-24 Revision 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com