Electronic Components Datasheet Search
  English  ▼

X  

LU0808T020-RI Datasheet (PDF) - Lumics GmbH

LU0808T020-RI Datasheet PDF - Lumics GmbH
Part # LU0808T020-RI
Download  LU0808T020-RI Download
File Size   261.25 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Industrial Laser Diode Up to 2w Operation Power @ 808nm

LU0808T020-RI Datasheet (PDF)

Go To PDF Page Download Datasheet
LU0808T020-RI Datasheet PDF - Lumics GmbH

Part # LU0808T020-RI
Download  LU0808T020-RI Click to download

File Size   261.25 Kbytes
Page   2 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Industrial Laser Diode Up to 2w Operation Power @ 808nm

LU0808T020-RI Datasheet (HTML) - Lumics GmbH


LU0808T020-RI Product details

*Wavelength 808nm
*50um core NA 0.12 fiber
*Hermetically sealed dingle emitter
*Floating anode / cathode
*Direct modulation up to 20 MHz
*Rise / Fall time <20ns




Similar Part No. - LU0808T020-RI

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results


Similar Description - LU0808T020-RI

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808DXXX-U LUMICS-LU0808DXXX-U Datasheet
928Kb / 3P
LU0808Dyyy Diode Laser with up to 33 W at 808nm
2020-11-04
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T040 LUMICS-LU0808T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 808nm
2018-06-14
LU0808T070 LUMICS-LU0808T070 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 7W Operation Power @ 808nm
2018-08-14
LU0990T037 LUMICS-LU0990T037 Datasheet
260Kb / 2P
Industrial Laser Diode Up to 3.7w Operation Power @ 990nm / 50um fiber
2018-06-14
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
LU1030T030 LUMICS-LU1030T030 Datasheet
259Kb / 2P
Industrial Laser Diode Up to 3w Operation Power @ 1030nm / 50um fiber
2018-06-14
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU1064T100 LUMICS-LU1064T100 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 10W Operation Power @ 1064nm
2018-08-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com