Electronic Components Datasheet Search
  English  ▼

X  

DG4202 Datasheet (PDF) - List of Unclassifed Manufacturers

DG4202 Datasheet PDF - List of Unclassifed Manufacturers
Part # DG4202
Download  DG4202 Download
File Size   2494.93 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Function/Arbitrary Waveform Generator

DG4202 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG4202 Datasheet PDF - List of Unclassifed Manufacturers

Part # DG4202
Download  DG4202 Click to download

File Size   2494.93 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Function/Arbitrary Waveform Generator

DG4202 Datasheet (HTML) - List of Unclassifed Manufacturers


DG4202 Product details

Maximum output frequency: 200MHz, 160MHz, 100MHz, 60MHz
500MSa/s sample rate, 14 bit vertical resolution
Dual channel outputs with identical performance
2ppm high-frequency stability
-115dBc/Hz low phase noise
Versatile analog and digital modulation functions
150 built-in waveforms
7digits/s, 200MHz built-in Counter
Harmonic generator that can generate up to 16th order of harmonic (Std.)
Powerful waveform editing PC software
Connectivity: USB Host & Device, LAN
7 inch LCD display (800 × 480)




Similar Part No. - DG4202

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
More results


Similar Description - DG4202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
33220A HP-33220A Datasheet
216Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
33220A KEYSIGHT-33220A Datasheet
351Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
33210A KEYSIGHT-33210A Datasheet
460Kb / 5P
10 MHz Function/Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
Arbitrary Waveform Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com