Electronic Components Datasheet Search
  English  ▼

X  

15KP280A Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

15KP280A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # 15KP280A
Download  15KP280A Download
File Size   623.82 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 15000W Axial Leaded Transient Voltage Suppressors

15KP280A Datasheet (PDF)

Go To PDF Page Download Datasheet
15KP280A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 15KP280A
Download  15KP280A Click to download

File Size   623.82 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 15000W Axial Leaded Transient Voltage Suppressors

15KP280A Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


15KP280A Product details

FEATURES
Peak power dissipation 15000w @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 1ps from 0 volts to BV min
Typical IR less than 2uA when VBR min above 36V.
IEC 61000-4-2 ESD 30kv(air), 30kv(contact)
ESD protection of data lines in accordance with IEC 61000-4-2
EFT protection of data lines in accordance with IEC 61000 4-4
Halogen free and ROHS compliant
Lead-free finish




Similar Part No. - 15KP280A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP280A MICROSEMI-15KP280A Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
15KP280A LITTELFUSE-15KP280A Datasheet
101Kb / 3P
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
Protek Devices
15KP280A PROTEC-15KP280A Datasheet
88Kb / 5P
POWER TVS COMPONENT
15KP280A PROTEC-15KP280A Datasheet
65Kb / 5P
POWER TVS COMPONENT
logo
TAITRON Components Inco...
15KP280A TAITRON-15KP280A Datasheet
175Kb / 4P
15KW Transient Voltage Suppressor
More results


Similar Description - 15KP280A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
5000Watts Axial Leaded Transient Voltage Suppressors
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
HuaXinAn Electronics CO...
15KP17CA HUAXINAN-15KP17CA Datasheet
363Kb / 5P
15000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
UN Semiconducctor INC
15KP UNSEMI-15KP Datasheet
3Mb / 6P
17 To 280V 15000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
15KPS UNSEMI-15KPS Datasheet
2Mb / 5P
Axial Lead Transient Voltage Suppressors 20 To 36V 15000W
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com