Electronic Components Datasheet Search
  English  ▼

X  

HSP181-2W3Y Datasheet (PDF) - STMicroelectronics

HSP181-2W3Y Datasheet PDF - STMicroelectronics
Part # HSP181-2W3Y
Download  HSP181-2W3Y Download
File Size   1558.16 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive grade 18 V dual-line high speed port protection

HSP181-2W3Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP181-2W3Y Datasheet PDF - STMicroelectronics

Part # HSP181-2W3Y
Download  HSP181-2W3Y Click to download

File Size   1558.16 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive grade 18 V dual-line high speed port protection

HSP181-2W3Y Datasheet (HTML) - STMicroelectronics


HSP181-2W3Y Product details

Features
• AEC-Q101 qualified
• Flow-through routing to keep signal integrity
• Large bandwidth: 1.7 GHz
• Ultra low capacitance: 2.1 pF
• Operating junction temperature range: -55 °C to 150 °C
• RoHS compliant and halogen free
• Complies with ISO ISO 10605 / IEC 61000-4-2 - C = 150 pF, R = 330 Ω exceeds
level 4
– ±12 kV (contact discharge)
– ±30 kV (air discharge)
• Complies with ISO 10605 - C = 330 pF, R = 330 Ω
– ±10 kV (contact discharge)
– ±30 kV (air discharge)
• Complies with ISO 10605 - C = 330 pF, R = 2 kΩ
– ±30 kV (contact discharge)
– ±30 kV (air discharge)

Description
The HSP181-2W3Y is an ESD array designed for high-speed differential lines. The
VRM at 18 V makes it compatible with a short-to-battery hazard in vehicles.
The HSP181-2W3Y is also compatible with the maximum signal voltage (18 V) on
the antenna of NFC readers and can thus efficiently protect NFC antenna I/O of NFC
ICs.
The 2.1 pF low parasitic capacitance and the 1.7 GHz bandwidth provides enough
room to preserve the signal integrity of USB 2.0 or NFC signals.
The HSP181-2W3Y is housed in SOT323-3L.

Application
• USB 1.1 and USB2.0
• NFC
• Other high speed signals




Similar Part No. - HSP181-2W3Y

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HSP184 HAMMOND-HSP184 Datasheet
48Kb / 1P
Panneaux lateraux
HSP184 HAMMOND-HSP184 Datasheet
69Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HSP185 HAMMOND-HSP185 Datasheet
48Kb / 1P
Panneaux lateraux
HSP185 HAMMOND-HSP185 Datasheet
70Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HSP186 HAMMOND-HSP186 Datasheet
48Kb / 1P
Panneaux lateraux
More results


Similar Description - HSP181-2W3Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Murata Manufacturing Co...
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
High Speed Communication Line Protection
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
High Speed Communication Line Protection
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
High Speed Data Line Protection
November, 2008 ??Rev. P0
logo
STMicroelectronics
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
logo
Texas Instruments
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
Automotive Dual-Channel High-Speed ESD Protection Device
logo
Integrated Device Techn...
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
logo
STMicroelectronics
HSP061-2Y STMICROELECTRONICS-HSP061-2Y Datasheet
319Kb / 8P
Automotive 2-line ESD protection for high speed lines
19-Nov-2014
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
Automotive 2-line ESD protection for high speed lines
10-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com