Electronic Components Datasheet Search
  English  ▼

X  

ADUM1441 Datasheet (PDF) - Analog Devices

ADUM1441 Datasheet PDF - Analog Devices
Part # ADUM1441
Download  ADUM1441 Download
File Size   465.57 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Quad-Channel Digital Isolators

ADUM1441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1441 Datasheet PDF - Analog Devices

Part # ADUM1441
Download  ADUM1441 Click to download

File Size   465.57 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Quad-Channel Digital Isolators

ADUM1441 Datasheet (HTML) - Analog Devices


ADUM1441 Product details

FEATURES

Ultralow power operation
3.3 V operation (typical)
5.6 μA per channel quiescent current, refresh enabled 0.3 μA per channel quiescent current, refresh disabled 148 μA/Mbps per channel typical dynamic current
2.5 V operation (typical)
3.1 μA per channel quiescent current, refresh enabled 0.1 μA per channel quiescent current, refresh disabled 117 μA/Mbps per channel typical dynamic current
Small, 16-lead QSOP and 20-Lead SSOP Bidirectional communication Up to 2 Mbps data rate (NRZ) High temperature operation: 125°C High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals UL 1577 component recognition program
2500 V rms for 1 minute per UL 1577 QSOP package
3750V rms for 1 minute per UL 1577 SSOP package
CSA Component Acceptance Notice 5A VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 VPEAK QSOP package
VIORM = 849 VPEAK SSOP package
IECEx and ATEX intrinsic safety Sira 0518 II 1G Ex ia IIC Ga

APPLICATIONS

General-purpose, low power multichannel isolation 1 MHz, low power peripheral interface (SPI) 4 mA to 20 mA loop process controls




Similar Part No. - ADUM1441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1441 AD-ADUM1441 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADuM1441ARQZ AD-ADuM1441ARQZ Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
More results


Similar Description - ADUM1441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
Quad-Channel Digital Isolators
Rev. J
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com