Electronic Components Datasheet Search
  English  ▼

X  

BM57 Datasheet (PDF) - Hirose Electric

BM57 Datasheet PDF - Hirose Electric
Part # BM57
Download  BM57 Download
File Size   554.83 Kbytes
Page   1 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Low-Profile Hybrid FPC-to-Board Connector Supporting 5A

BM57 Datasheet (PDF)

Go To PDF Page Download Datasheet
BM57 Datasheet PDF - Hirose Electric

Part # BM57
Download  BM57 Click to download

File Size   554.83 Kbytes
Page   1 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Low-Profile Hybrid FPC-to-Board Connector Supporting 5A

BM57 Datasheet (HTML) - Hirose Electric


BM57 Product details

Features
1 Low-profile design with high power
supply capacity
- Rated current: 5A for power contact,
0.3A for signal contact
- 0.6mm stacking height, 1.9mm width
2 Full armored design prevents housing damage
3 Easy mating operation with wide self alignment range
4 Insert molded header and receptacle design
- Solder Wicking Prevention
5 Multi-point soldering enhances PCB peeling strength




Similar Part No. - BM57

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
logo
List of Unclassifed Man...
BM50B-SRDS-G-TF ETC2-BM50B-SRDS-G-TF Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
BM50U-4DP/2-0.35V53 HIROSE-BM50U-4DP/2-0.35V53 Datasheet
384Kb / 11P
0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
BM50U-4DS/2-0.35V53 HIROSE-BM50U-4DS/2-0.35V53 Datasheet
384Kb / 11P
0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
logo
Rohm
BM520Q15F ROHM-BM520Q15F Datasheet
912Kb / 19P
Quasi-resonant Switching Mode
More results


Similar Description - BM57

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
Japan Aviation Electron...
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
DDK Ltd.
FF26 DDK-FF26 Datasheet
895Kb / 4P
Ultra-low profile FPC connector
logo
Japan Aviation Electron...
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com