Electronic Components Datasheet Search
  English  ▼

X  

JRC-23F Datasheet (PDF) - List of Unclassifed Manufacturers

JRC-23F Datasheet PDF - List of Unclassifed Manufacturers
Part # JRC-23F
Download  JRC-23F Download
File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE

JRC-23F Datasheet (PDF)

Go To PDF Page Download Datasheet
JRC-23F Datasheet PDF - List of Unclassifed Manufacturers

Part # JRC-23F
Download  JRC-23F Click to download

File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE

JRC-23F Datasheet (HTML) - List of Unclassifed Manufacturers


JRC-23F Product details

[HONGFA]

LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE

• High sensitivity : 150 mW
• 1 pole configurations
• Small size at 12.5L x 7.5W x 10H mm
• Sealed type available
• UL / CUR File No. E133481




Similar Part No. - JRC-23F

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
More results


Similar Description - JRC-23F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
16A 1 POLE PC BOARD TYPE
JQX-14FW ETC1-JQX-14FW Datasheet
109Kb / 2P
Single-Pole, 20A, PC Board
JQX-105F-5 ETC1-JQX-105F-5 Datasheet
112Kb / 2P
30A 1 POLE PC BOARD TYPE
JQX-140FF ETC1-JQX-140FF Datasheet
110Kb / 2P
DOUBLE-POLE, 10A, PC BOARD
logo
fujitsu semiconductor
FTR-K1 FUJITSU-FTR-K1 Datasheet
533Kb / 8P
1 POLE - 16A LOW PROFILE TYPE
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
1 Pole Miniature Power PC Board Relay
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
TE Connectivity Ltd
V23105A5003A201 TEC-V23105A5003A201 Datasheet
1Mb / 8P
Communications/Signal PC Board Relays
04-2011, Rev. 0411
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com