Electronic Components Datasheet Search
  English  ▼

X  

FLM3135-12F Datasheet (PDF) - Eudyna Devices Inc

FLM3135-12F Datasheet PDF - Eudyna Devices Inc
Part # FLM3135-12F
Download  FLM3135-12F Download
File Size   294.44 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description C-Band Internally Matched FET

FLM3135-12F Datasheet (PDF)

Go To PDF Page Download Datasheet
FLM3135-12F Datasheet PDF - Eudyna Devices Inc

Part # FLM3135-12F
Download  FLM3135-12F Click to download

File Size   294.44 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description C-Band Internally Matched FET

FLM3135-12F Datasheet (HTML) - Eudyna Devices Inc


FLM3135-12F Product details

DESCRIPTION
The FLM3135-12F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system.
Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance.

FEATURES
• High Output Power: P1dB = 41.5dBm (Typ.)
• High Gain: G1dB = 11.5dB (Typ.)
• High PAE: ηadd = 40% (Typ.)
• Low IM3 = -45dBc@Po = 30.5dBm
• Broad Band: 3.1 ~ 3.5GHz
• Impedance Matched Zin/Zout = 50Ω
• Hermetically Sealed Package




Similar Part No. - FLM3135-12F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
C-Band Internally Matched FET
More results


Similar Description - FLM3135-12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM7179-18F ETC-FLM7179-18F Datasheet
285Kb / 4P
C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
C-Band Internally Matched FET
FLM5359-12F ETC1-FLM5359-12F Datasheet
298Kb / 4P
C-Band Internally Matched FET
FLM3439-12F ETC1-FLM3439-12F Datasheet
295Kb / 4P
C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
C-Band Internally Matched FET
FLM3742-12F EUDYNA-FLM3742-12F Datasheet
296Kb / 4P
C-Band Internally Matched FET
FLM5359-35F EUDYNA-FLM5359-35F Datasheet
190Kb / 5P
C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
C-Band Internally Matched FET
FLM5053-8F EUDYNA-FLM5053-8F Datasheet
259Kb / 4P
C-Band Internally Matched FET
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com