Electronic Components Datasheet Search
  English  ▼

X  

ISL71030M Datasheet (PDF) - Intersil Corporation

ISL71030M Datasheet PDF - Intersil Corporation
Part # ISL71030M
Download  ISL71030M Download
File Size   642.04 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Tolerant 5V 16-Channel Analog Multiplexer

ISL71030M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71030M Datasheet PDF - Intersil Corporation

Part # ISL71030M
Download  ISL71030M Click to download

File Size   642.04 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Tolerant 5V 16-Channel Analog Multiplexer

ISL71030M Datasheet (HTML) - Intersil Corporation


ISL71030M Product details

Features
• Fabricated using P6 SOI process technology
• Rail-to-rail operation
• No latch-up
• Low rDS(ON): <120Ω (maximum)
• Single supply operation: 3V to 5.5V
• Adjustable logic threshold control
• Cold sparing capable: -0.4V to 7V
• Analog overvoltage range: -0.4V to 7V
• Switch input off leakage: 120nA
• Transition times (tAHL): 70ns
• Break-before-make switching
• ESD protection ≥5kV (HBM)
• Operating temperature range: -55°C to +125°C
• Radiation tolerance
○ Low dose rate (0.01rad(Si)/s): 30krad(Si)
○ SEL/SEB LETTH (V+ = 6.5V): 43MeV•cm2/mg

Applications
• Telemetry signal processing
• Harsh environments
○ Down-hole drilling




Similar Part No. - ISL71030M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71030M RENESAS-ISL71030M Datasheet
708Kb / 23P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Feb 25, 2025
ISL71030M30NZ RENESAS-ISL71030M30NZ Datasheet
708Kb / 23P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Feb 25, 2025
ISL71030M30NZ-T RENESAS-ISL71030M30NZ-T Datasheet
708Kb / 23P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Feb 25, 2025
ISL71030M30NZ-T7A RENESAS-ISL71030M30NZ-T7A Datasheet
708Kb / 23P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Feb 25, 2025
More results


Similar Description - ISL71030M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MUX8522 AEROFLEX-MUX8522 Datasheet
324Kb / 8P
MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8532 AEROFLEX-MUX8532 Datasheet
90Kb / 8P
MUX8532 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8562 AEROFLEX-MUX8562 Datasheet
97Kb / 8P
MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com