Electronic Components Datasheet Search
  English  ▼

X  

G6QE Datasheet (PDF) - Omron Electronics LLC

G6QE Datasheet PDF - Omron Electronics LLC
Part # G6QE
Download  G6QE Download
File Size   180.93 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relays

G6QE Datasheet (PDF)

Go To PDF Page Download Datasheet
G6QE Datasheet PDF - Omron Electronics LLC

Part # G6QE
Download  G6QE Click to download

File Size   180.93 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relays

G6QE Datasheet (HTML) - Omron Electronics LLC


G6QE Product details

Miniature and Low Height
Single-pole Power Relay
with 36A Switching Current
• High switching current of 36 A@250 VAC and 10,000 operations,
30 A@250 VAC and 100,000 operations in a miniature package
• Achieved 10-kV impulse withstand voltage (between coil and contacts)
• Power consumption reduced to 12% compared with rated coil
consumption by lowering the applied voltage to the coil after applying
nominal voltage for 100 ms relay operation (Reduced to 35% from
rated coil voltage)
• Conforms to cULus, EN and CQC




Similar Part No. - G6QE

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
G6QE1G960N2EC TAIYO-YUDEN-G6QE1G960N2EC Datasheet
369Kb / 13P
SAW Dual Filter
G6QE1G960N2EC TAIYO-YUDEN-G6QE1G960N2EC Datasheet
1Mb / 11P
SAW/FBAR DEVICES for MOBILE COMMUNICATIONS
G6QE1G960N2EE TAIYO-YUDEN-G6QE1G960N2EE Datasheet
499Kb / 13P
SAW Dual Filter
G6QE1G960N2EE TAIYO-YUDEN-G6QE1G960N2EE Datasheet
1Mb / 11P
SAW/FBAR DEVICES for MOBILE COMMUNICATIONS
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
SAW Dual Filter
More results


Similar Description - G6QE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
PCB Power Relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
PCB Power Relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
V23201 MACOM-V23201 Datasheet
420Kb / 5P
Power Relay PK2 (THT ??THR) Single Relays PCB Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KB OMRON-G9KB Datasheet
225Kb / 5P
PCB Power Relays
0222
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com