Electronic Components Datasheet Search
  English  ▼

X  

NCP13992AF Datasheet (PDF) - ON Semiconductor

NCP13992AF Datasheet PDF - ON Semiconductor
Part # NCP13992AF
Download  NCP13992AF Download
File Size   938.14 Kbytes
Page   33 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance

NCP13992AF Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP13992AF Datasheet PDF - ON Semiconductor

Part # NCP13992AF
Download  NCP13992AF Click to download

File Size   938.14 Kbytes
Page   33 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance

NCP13992AF Datasheet (HTML) - ON Semiconductor


NCP13992AF Product details

The NCP13992 is a high performance current mode controller for
half bridge resonant converters. This controller implements 600 V
gate drivers, simplifying layout and reducing external component
count. The builtïin BrownïOut input function eases implementation
of the controller in all applications. In applications where a PFC front
stage is needed, the NCP13992 features a dedicated output to drive the
PFC controller. This feature together with quiet skip mode technique
further improves light load efficiency of the whole application. The
NCP13992 provides a suite of protection features allowing safe
operation in any application. This includes: overload protection,
overïcurrent protection to prevent hard switching cycles, brownïout
detection, open optocoupler detection, automatic deadïtime adjust,
overïvoltage (OVP) and overïtemperature (OTP) protections.

Features
• HighïFrequency Operation from 20 kHz up to 750 kHz
• Current Mode Control Scheme
• Automatic Deadïtime with Maximum Deadïtime Clamp
• Dedicated Startup Sequence for Fast Resonant Tank Stabilization
• Light Load Operation Mode for Improved Efficiency
• Quiet Skip Operation Mode for Minimize Transformer Acoustic Noise
• Latched or AutoïRecovery Overload Protection
• Latched or AutoïRecovery Output Short Circuit Protection
• Latched Input for Severe Fault Conditions, e.g. OVP or OTP
• Out of Resonance Switching Protection
• Open Feedback Loop Protection
• Precise Brownïout Protection
• PFC Stage Operation Control According to Load Conditions
• Startup Current Source with Extremely Low Leakage Current
• Dynamic SelfïSupply (DSS) Operation in Offïmode or Fault Modes
• Pin to Adjacent Pin / Open Pin Fail Safe
• These are PbïFree Devices

Typical Applications
• Adapters and Offline Battery Chargers
• Flat Panel Display Power Converters
• Computing Power Supplies
• Industrial and Medical Power Sources




Similar Part No. - NCP13992AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13992AADR2G ONSEMI-NCP13992AADR2G Datasheet
474Kb / 28P
High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
More results


Similar Description - NCP13992AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com