Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI7R Datasheet (PDF) - Renesas Technology Corp

ZSSC3123AI7R Datasheet PDF - Renesas Technology Corp
Part # ZSSC3123AI7R
Download  ZSSC3123AI7R Download
File Size   1695.51 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description cLiteTM Capacitive Sensor Signal Conditioner

ZSSC3123AI7R Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3123AI7R Datasheet PDF - Renesas Technology Corp

Part # ZSSC3123AI7R
Download  ZSSC3123AI7R Click to download

File Size   1695.51 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description cLiteTM Capacitive Sensor Signal Conditioner

ZSSC3123AI7R Datasheet (HTML) - Renesas Technology Corp


ZSSC3123AI7R Product details

Features
 Maximum target input capacitance: 260pF
 Sampling rates as fast as 0.7ms at 8-bit resolution; 1.6ms at
10-bit; 5.0ms at 12-bit; 18.5ms at 14-bit
 Digital compensation of sensor: piece-wise 1st and 2nd order
sensor compensation or up to 3rd order single-region sensor
compensation
 Digital compensation of 1st and 2nd order temperature gain
and offset drift
 Internal temperature compensation reference (no external
components)
 Programmable capacitance span and offset
 Layout customized for die-die bonding with sensor for lowcost,
high-density chip-on-board assembly
 Accuracy as high as ±0.25% FSO at -40°C to 125°C, 3V, 5V,
Vsupply ±10% (see data sheet section 5 for restrictions)
 Minimized calibration costs: no laser trimming, one-pass
calibration using a digital interface
 Wide capacitance range to support a broad portfolio of
different sensor elements
 Excellent for low-power battery applications
 I2C or SPI interface—easy connection to a microcontroller
 PDM outputs (Filtered Analog Ratiometric) for both
capacitance and temperature
 Up to two alarms that can act as full push-pull or open-drain
switches
 Supply voltage: 2.3V to 5.5V
 Typical current consumption 750μA down to 60μA depending
on configuration
 Typical Sleep Mode current: ≤ 1μA at 85°C
 Operation temperature: –40°C to +125°C depending on part
code
 Die or 4.4  5.0 mm 14-TSSOP package




Similar Part No. - ZSSC3123AI7R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3123AI1B IDT-ZSSC3123AI1B Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123AI1B RENESAS-ZSSC3123AI1B Datasheet
1Mb / 67P
cLite??Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123AI1C IDT-ZSSC3123AI1C Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123AI1C RENESAS-ZSSC3123AI1C Datasheet
1Mb / 67P
cLite??Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123AI2 IDT-ZSSC3123AI2 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
More results


Similar Description - ZSSC3123AI7R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
Low Voltage Capacitive Sensor Signal Conditioner
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
ZSSC3122 IDT-ZSSC3122 Datasheet
911Kb / 64P
Low-Voltage Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
cLite??Capacitive Sensor Signal Conditioner
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com