Electronic Components Datasheet Search
  English  ▼

X  

AEE00BB24 Datasheet (PDF) - Astec America, Inc

AEE00BB24 Datasheet PDF - Astec America, Inc
Part # AEE00BB24
Download  AEE00BB24 Download
File Size   141.51 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 10 Watts

AEE00BB24 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEE00BB24 Datasheet PDF - Astec America, Inc

Part # AEE00BB24
Download  AEE00BB24 Click to download

File Size   141.51 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 10 Watts

AEE00BB24 Datasheet (HTML) - Astec America, Inc


AEE00BB24 Product details

Electrical Specs

Input

Input range                         18 to 36 VDC

                                        36 to 72 VDC

Efficiency                            79% typical (±5V)

Output

Voltage tolerance                 ±1.0%

Overall regulation                 ±1% max

Noise/ripple                        1% (mV P-P)

Transient response               200 usec typical (50% step load

                                       change to within 5%Vo)

Temperature Regulation        ±0.02 %Vo/°C

Switching frequency             330kHz

Isolation

I/O isolation                       500 VDC

Isolation Resistance             300 Mohms



Special Features

• 10 W, Dual output

• 2:1 Input range

• 1.0" x 2.0" x 0.33 case

• Industry standard package

• Low Profile

• Low Cost



Environmental

Operating base temperature range:

-25°C to +95°C

Storage temperature: -40°C to +105°C

MTBF: 2.7 Million Hours (Belcore TR332)




Similar Part No. - AEE00BB24

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE00BB24-M ARTESYN-AEE00BB24-M Datasheet
1Mb / 2P
4200 VAC reinforced Insulation
More results


Similar Description - AEE00BB24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10U ASTEC-AA10U Datasheet
322Kb / 2P
10 Watts AA10U
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
10 Watts
AUD03M48 ASTEC-AUD03M48 Datasheet
87Kb / 2P
10 Watts Embedded Power
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com