Electronic Components Datasheet Search
  English  ▼

X  

NTC5D-20 Datasheet (PDF) - Infineon Technologies AG

NTC5D-20 Datasheet PDF - Infineon Technologies AG
Part # NTC5D-20
Download  NTC5D-20 Download
File Size   1752.51 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

NTC5D-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTC5D-20 Datasheet PDF - Infineon Technologies AG

Part # NTC5D-20
Download  NTC5D-20 Click to download

File Size   1752.51 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

NTC5D-20 Datasheet (HTML) - Infineon Technologies AG


NTC5D-20 Product details

Eval-M3-CM615PN is an evaluation board for motor drive applications with single phase PFC integrated 3 phase
IPM. Combined in a kit with one of the available MADK control board options, it demonstrates Infineon’s motion
control IC and IPM technology for motor drives with single phase PFC.
Main features of CIPOS™ Mini IPM IFCM15P60GD are:
• 3 half bridges with TRENCHSTOP™ IGBT3 15A/600V and antiparallel diodes for inverter section
• 30A/650V TRENCHSTOP™ 5 IGBT and rapid switching emitter controlled diode for PFC section
• Lead-free terminal plating; RoHS compliant
• Very low thermal resistance due to DCB
• Rugged SOI gate driver technology with stability against transient and negative voltage
• Negative potential allowed up to VS =-11V for single transmission at VBS=15V
• Integrated bootstrap functionality
• Overcurrent shutdown
• Temperature monitor
• Undervoltage lockout at all channels
• Low side common emitter
• Cross conduction prevention
• All six switches turn off during protection
The evaluation board characteristics are:
• Input voltage 160~265VAC
• Maximum 650W motor power output
• Power Factor Correction
• On board EMI filter
• Current sensing with single shunt
• Auxiliary power supply with 15V, 3.3V
• Overcurrent protection
• Overtemperature hardware protection
• Sensing of DC-link voltage
• Thermistor output
• Fault diagnostic output
• Measurement test-points compatible to standard oscilloscope probes
• PCB is 120 mm × 120 mm and has two layers with 35μm copper each
• RoHS compliant




Similar Part No. - NTC5D-20

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
NTC5D-20 VATRONICS-NTC5D-20 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
NTC5D-20 VATRONICS-NTC5D-20 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
logo
Shanghai Leiditech Elec...
NTC5D-20 LEIDITECH-NTC5D-20 Datasheet
992Kb / 4P
Thermistor
logo
Infineon Technologies A...
NTC5D-20 INFINEON-NTC5D-20 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results


Similar Description - NTC5D-20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com