Electronic Components Datasheet Search
  English  ▼

X  

IRLML2030 Datasheet (PDF) - Infineon Technologies AG

IRLML2030 Datasheet PDF - Infineon Technologies AG
Part # IRLML2030
Download  IRLML2030 Download
File Size   1909.36 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

IRLML2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML2030 Datasheet PDF - Infineon Technologies AG

Part # IRLML2030
Download  IRLML2030 Click to download

File Size   1909.36 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

IRLML2030 Datasheet (HTML) - Infineon Technologies AG


IRLML2030 Product details

EVAL-M3-102T is an evaluation control board for motor control applications. The kit demonstrates Infineon’s
motion control IC technology.
Main features of the IMC102T-F064 Motion Control IC are:
• MCE (Motion Control Engine) as ready-to-use solution for variable speed drives
• Field oriented control (FOC) for permanent magnet synchronous motor (PMSM)
• Space vector PWM with sinusoidal commutation and integrated protection features
• Current sensing via single or leg shunt
• Sensorless operation
• Active boost or totem pole PFC control integrated
• Various serial communication interfaces (UART, I2C, SPI)
• Multiple motor parameter support
• 3.3V (default) or 5V VDD power supply
• Flexible host interface options for speed commands: UART, I2C, SPI, PWM or analog signal
• Support for IEC 60335 (‘Class B’)
• Scalable package options
The evaluation board characteristics are:
• Complete kit for running any permanent magnet motor via sensorless sinusoidal control
• 3.3V (default) or 5V VDD power supply
• Micro-USB connector and on-board debugger isolated by digital isolator
• Capable of 3-phase and type 3 of 2-phase modulation
• RoHS complaint
• PCB size is 65 x 45 mm




Similar Part No. - IRLML2030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML2030 INFINEON-IRLML2030 Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
logo
Guangdong Youtai Semico...
IRLML2030 UMW-IRLML2030 Datasheet
590Kb / 8P
Load/ System Switch
logo
EVER SEMICONDUCTOR CO.,...
IRLML2030 EVVOSEMI-IRLML2030 Datasheet
390Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
Compatible with existing Surface Mount Techniques
More results


Similar Description - IRLML2030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com