Electronic Components Datasheet Search
  English  ▼

X  

1985195 Datasheet (PDF) - Infineon Technologies AG

1985195 Datasheet PDF - Infineon Technologies AG
Part # 1985195
Download  1985195 Download
File Size   2301.84 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-channel isolated gate driver IC with adjustable DESAT and soft-off

1985195 Datasheet (PDF)

Go To PDF Page Download Datasheet
1985195 Datasheet PDF - Infineon Technologies AG

Part # 1985195
Download  1985195 Click to download

File Size   2301.84 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-channel isolated gate driver IC with adjustable DESAT and soft-off

1985195 Datasheet (HTML) - Infineon Technologies AG


1985195 Product details

Features
• 600 V, 650 V, 900 V, and 1200 V IGBTs, SiC and Si MOSFETs
• 40 V absolute maximum output supply voltage
• ±3 A, ±6 A, and ±9 A typical sinking and sourcing peak output current
• Separate source and sink outputs for hard switching and with active Miller clamp/clamp driver
• Adjustment pins for parameter configuration from input side
• Precise VCEsat detection (DESAT) with fault output and adjustable filter time and leading edge blanking time
with resistor at ADJB pin
• Adjustable IGBT soft turn-off after desaturation detection with resistor at ADJA pin
• Operation at high ambient temperature up to 125 °C with over-temperature shut down at 160 °C (±10 °C)
• Tight IC-to-IC propagation delay matching (tPDD,max = 30 ns)
• Undervoltage lockout protection with hysteresis for input and output side with active shut-down
• High common-mode transient immunity CMTI = 200 kV/μs
• Small space-saving DSO-16 fine-pitch package with large creepage distance (>8 mm)
• Safety certification
- UL 1577 recognized (planned) with VISO,test = 6840 V (rms) for 1 s, VISO = 5700 V (rms) for 60 s
- IEC 60747-17/VDE 0884-11 approval (planned) with VIORM = 1.4 kV (peak, reinforced)
• Evaluation board available EVAL-1ED3491MX12M

Potential applications
• Industrial motor drives - compact, standard, premium, servo drives
• Solar inverters
• UPS systems
• Welding
• Commercial and agricultural vehicles (CAV)
• Commercial air-conditioning (CAC)
• High-voltage isolated DC-DC converters
• Isolated switch mode power supplies (SMPS)




Similar Part No. - 1985195

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985195 PHOENIX-1985195 Datasheet
374Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-Z
Jun 29, 2022
More results


Similar Description - 1985195

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
logo
Infineon Technologies A...
1EDI20N12AF INFINEON-1EDI20N12AF_15 Datasheet
1Mb / 22P
Single Channel MOSFET and GaN HEMT Gate Driver IC
Rev. 2.0, 2015-06-01
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Infineon Technologies A...
1EDI60I12AH INFINEON-1EDI60I12AH Datasheet
223Kb / 2P
1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
logo
Texas Instruments
UCC21732-Q1 TI1-UCC21732-Q1 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
UCC21732-Q1 TI1-UCC21732-Q1_19 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
logo
Analog Devices
ADUM4122 AD-ADUM4122 Datasheet
632Kb / 18P
Single Gate, Adjustable Slew Rate, Isolated Gate Driver, 3 A Short-Circuit
2/2019-Revision 0
logo
Infineon Technologies A...
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
Single-channel low-side gate driver IC
V 1.1 2022-02-02
logo
ON Semiconductor
NCD57084 ONSEMI-NCD57084 Datasheet
325Kb / 22P
Isolated Compact IGBT Gate Driver with DESAT
July, 2021 - Rev. 1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com