Electronic Components Datasheet Search
  English  ▼

X  

TC4-6TG2 Datasheet (PDF) - Renesas Technology Corp

TC4-6TG2 Datasheet PDF - Renesas Technology Corp
Part # TC4-6TG2
Download  TC4-6TG2 Download
File Size   1323.5 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ideal for Multi-Carrier Systems

TC4-6TG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4-6TG2 Datasheet PDF - Renesas Technology Corp

Part # TC4-6TG2
Download  TC4-6TG2 Click to download

File Size   1323.5 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ideal for Multi-Carrier Systems

TC4-6TG2 Datasheet (HTML) - Renesas Technology Corp


TC4-6TG2 Product details

FEATURES
 Ideal for Multi-Carrier Systems
 Lowside or Highside LO
 11.8dB Gain
 Ultra linear +43dBm IP3O using HS LO or
+37.5 dBm IP3O using LS LO
 9.7dB NF
 200 Ω output impedance
 Wide flat-performance IF BW
 Drives ADC directly for DPD applications
 Low Power Consumption
 5x5 20 pin package
 Standby Mode

GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1751 Zero-DistortionTM Midband RF to IF Single
Downconverting Mixer. This device is part of a series
mixers using lowside or highside LO injection options
all UTRA frequency bands. See the Part# Matrix for the
detail of all devices in this series.
The F1751 single channel device is designed to operate
with a single 5V supply. It is optimized for operation
a Multi-mode, Multi-carrier BaseStation Receiver over
the frequency range from 1400MHz to 2500MHz using
either lowside or highside LO. IF frequencies from
50MHz to 500MHz are supported. Nominally, the
device offers +43dBm Output IP3 using HS LO or
+37.5dBm using LS LO with 190mA of ICC.




Similar Part No. - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Mini-Circuits
TC4-6TG2 MINI-TC4-6TG2 Datasheet
224Kb / 1P
RF Transformer
More results


Similar Description - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1209F TOSHIBA-TA1209F Datasheet
796Kb / 25P
FOR LCD TVS, SEPARATE CARRIER PIF AND SIF SYSTEMS
logo
Sanyo Semicon Device
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
logo
Kingbright Corporation
APED3528VBC-D KINGBRIGHT-APED3528VBC-D Datasheet
237Kb / 5P
Ideal for backlighting
logo
List of Unclassifed Man...
SDSQQNR-064G-GN6IA ETC1-SDSQQNR-064G-GN6IA Datasheet
864Kb / 3P
Ideal for dash cams and home monitoring systems
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
Ideal for dashcams, security cameras, and surveillance systems
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com