Electronic Components Datasheet Search
  English  ▼

X  

CM1293 Datasheet (PDF) - California Micro Devices Corp

CM1293 Datasheet PDF - California Micro Devices Corp
Part # CM1293
Download  CM1293 Download
File Size   394.9 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2, 4, and 8-Channel Low Capacitance ESD Protection Arrays

CM1293 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1293 Datasheet PDF - California Micro Devices Corp

Part # CM1293
Download  CM1293 Click to download

File Size   394.9 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2, 4, and 8-Channel Low Capacitance ESD Protection Arrays

CM1293 Datasheet (HTML) - California Micro Devices Corp


CM1293 Product details

Product Description
The CM1293 family of diode arrays has been designed to provide ESD protection for electronic components or sub-systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail.

Features
• 2, 4, and 8 channels of ESD protection
• Provides ESD protection to IEC61000-4-2
    - 8kV contact discharge
    - 15kV air discharge
• Low loading capacitance of 2.0pF max.
• Low clamping voltage
• Channel I/O to I/O capacitance 1.5pF typical
• Zener diode protects supply rail and eliminates the need for external by-pass capacitors
• Each I/O pin can withstand over 1000 ESD strikes
• Available in SOT, and MSOP packages
• Lead-free version available

Applications
• DVI ports, HDMI ports in notebooks, set top boxes, digital TVs, LCD displays
• Serial ATA ports in desktop PCs and hard disk drives
• PCI Express ports
• General purpose high-speed data line ESD protection




Similar Part No. - CM1293

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1293 CML-CM1293 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
Visual Communications C...
CM1293 VCC-CM1293 Datasheet
32Kb / 1P
Contact Bayonet Base
logo
ON Semiconductor
CM1293-08MR ONSEMI-CM1293-08MR Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
More results


Similar Description - CM1293

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com