Electronic Components Datasheet Search
  English  ▼

X  

1130751 Datasheet (PDF) - PHOENIX CONTACT

1130751 Datasheet PDF - PHOENIX CONTACT
Part # 1130751
Download  1130751 Download
File Size   1723.89 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-TG

1130751 Datasheet (PDF)

Go To PDF Page Download Datasheet
1130751 Datasheet PDF - PHOENIX CONTACT

Part # 1130751
Download  1130751 Click to download

File Size   1723.89 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-TG

1130751 Datasheet (HTML) - PHOENIX CONTACT


1130751 Product details

Distribution block, Basic terminal block with feed-in and multifunctional disconnect zone in the branches, nom. voltage: 400 V, nominal current: 20 A, Load contact, connection method: Push-in connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, Line contact,connection method: Push-in connection, Rated cross section: 6 mm2, cross section: 0.5 mm2 -10 mm2, mounting: for snapping onto a DIN rail adapter, Direct mounting with flange, Freehanging,color: gray

Your advantages
• Time savings with ready-to-mount blocks without manual bridging
• Approx. 30% space savings on the DIN rail with transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Disconnect zone for accommodating CLIPLINE complete function accessories




Similar Part No. - 1130751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1130757 PHOENIX-1130757 Datasheet
1Mb / 23P
Distribution block - PTFIX 6/6X2,5-MT
Jul 21, 2022
More results


Similar Description - 1130751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273332 PHOENIX-3273332 Datasheet
733Kb / 32P
Distribution block - PTFIX 6/6X2,5 BU
Jun 2, 2022
3273334 PHOENIX-3273334 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 RD
May 13, 2022
3273338 PHOENIX-3273338 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 GN
Jun 2, 2022
3273340 PHOENIX-3273340 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 BN
Jun 2, 2022
3273342 PHOENIX-3273342 Datasheet
731Kb / 32P
Distribution block - PTFIX 6/6X2,5 WH
Jun 2, 2022
3273336 PHOENIX-3273336 Datasheet
735Kb / 32P
Distribution block - PTFIX 6/6X2,5 YE
Jun 13, 2022
3273347 PHOENIX-3273347 Datasheet
730Kb / 31P
Distribution block - PTFIX 6/6X2,5 PK
Jul 20, 2022
1130757 PHOENIX-1130757 Datasheet
1Mb / 23P
Distribution block - PTFIX 6/6X2,5-MT
Jul 21, 2022
1091669 PHOENIX-1091669 Datasheet
661Kb / 27P
Distribution block - PTFIX 6/6X2,5 GNYE
Sep 8, 2022
1091674 PHOENIX-1091674 Datasheet
744Kb / 30P
Distribution block - PTFIX 6/6X2,5 BUWH
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com