Electronic Components Datasheet Search
  English  ▼

X  

TC4-6TG2 Datasheet (PDF) - Renesas Technology Corp

TC4-6TG2 Datasheet PDF - Renesas Technology Corp
Part # TC4-6TG2
Download  TC4-6TG2 Download
File Size   1591.47 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DPD Demodulator for PA Linearization, 1300MHz to 2900MHz

TC4-6TG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4-6TG2 Datasheet PDF - Renesas Technology Corp

Part # TC4-6TG2
Download  TC4-6TG2 Click to download

File Size   1591.47 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DPD Demodulator for PA Linearization, 1300MHz to 2900MHz

TC4-6TG2 Datasheet (HTML) - Renesas Technology Corp


TC4-6TG2 Product details

FEATURES (I OR Q PATH)
• Wide flat performance IF BW
• Wide RF and LO BWs (~ 1.6 GHz)
• Ideal for Multi-Carrier Systems
•Drives ADC directly
• Ultra linear + 41dBmIP3O
• Low Noise Figure
• Excellent ACLR performance
• 200 Ω output impedance
• Fully integrated DPD demodulator
•6x6 36 pin package
• Standby Mode w/Fast Recovery
• ICC:275mA




Similar Part No. - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Mini-Circuits
TC4-6TG2 MINI-TC4-6TG2 Datasheet
224Kb / 1P
RF Transformer
More results


Similar Description - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
Demodulator for Satellite Receivers
logo
Linear Technology
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
DPD Demodulator for PA Linearization
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
DPD Demodulator for PA Linearization
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com