Electronic Components Datasheet Search
  English  ▼

X  

ADN4690E Datasheet (PDF) - Analog Devices

ADN4690E Datasheet PDF - Analog Devices
Part # ADN4690E
Download  ADN4690E Download
File Size   395.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers

ADN4690E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4690E Datasheet PDF - Analog Devices

Part # ADN4690E
Download  ADN4690E Click to download

File Size   395.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers

ADN4690E Datasheet (HTML) - Analog Devices


ADN4690E Product details

GENERAL DESCRIPTION
The ADN4691E/ADN4693E/ADN4696E/ADN4697E are multipoint, low voltage differential signaling (M-LVDS) transceivers (driver and receiver pairs) that can operate at up to 200 Mbps (100 MHz). The receivers detect the bus state with a differential input of as little as 50 mV over a common-mode voltage range of −1 V to +3.4 V. ESD protection of up to ±15 kV is implemented on the bus pins. The devices adhere to the TIA/EIA-899 standard for M-LVDS and complement TIA/EIA-644 LVDS devices with additional multipoint capabilities.
The ADN4691E/ADN4693E are Type 1 receivers with 25 mV of hysteresis so that slow-changing signals or loss of input does not lead to output oscillations. The ADN4696E/ADN4697E are Type 2 receivers exhibiting an offset threshold, guaranteeing the output state when the bus is idle (bus-idle fail-safe) or the inputs are open (open-circuit fail-safe).
The devices are available as half-duplex in an 8-lead SOIC package (the ADN4691E/ADN4696E) or as full-duplex in a 14-lead SOIC package (the ADN4693E/ADN4697E). A selection table for the ADN4690E to ADN4697E devices is shown in Table 1.

FEATURES
Multipoint LVDS transceivers (low voltage differential signaling driver and receiver pairs)
Switching rate: 200 Mbps (100 MHz)
Supported bus loads: 30 Ω to 55 Ω
Choice of 2 receiver types
Type 1 (ADN4691E/ADN4693E): hysteresis of 25 mV
Type 2 (ADN4696E/ADN4697E): threshold offset of 100 mV for open-circuit and bus-idle fail-safe
Conforms to TIA/EIA-899 standard for M-LVDS
Glitch free power-up/power-down on M-LVDS bus
Controlled transition times on driver output
Common-mode range: −1 V to +3.4 V, allowing communication with 2 V of ground noise
Driver outputs high-Z when disabled or powered off
Enhanced ESD protection on bus pins
±15 kV HBM (human body model), air discharge
±8 kV HBM (human body model), contact discharge
±10 kV IEC 61000-4-2, air discharge
±8 kV IEC 61000-4-2, contact discharge
Operating temperature range: −40°C to +85°C
Available in 8-lead (ADN4691E/ADN4696E) and 14-lead (ADN4693E/ADN4697E) SOIC packages

APPLICATIONS
Backplane and cable multipoint data transmission
Multipoint clock distribution
Low power, high speed alternative to shorter RS-485 links
Networking and wireless base station infrastructure




Similar Part No. - ADN4690E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4690E AD-ADN4690E Datasheet
452Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4690E AD-ADN4690E Datasheet
364Kb / 20P
3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4690E AD-ADN4690E Datasheet
581Kb / 8P
High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E Datasheet
307Kb / 8P
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results


Similar Description - ADN4690E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Analog Devices
ADN4690E AD-ADN4690E Datasheet
452Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4691E AD-ADN4691E Datasheet
364Kb / 20P
3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
UG-390 AD-UG-390 Datasheet
307Kb / 8P
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
9/2021-Revision 0
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
Texas Instruments
ISO15 TI-ISO15 Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com