Electronic Components Datasheet Search
  English  ▼

X  

1047437 Datasheet (PDF) - PHOENIX CONTACT

1047437 Datasheet PDF - PHOENIX CONTACT
Part # 1047437
Download  1047437 Download
File Size   437.3 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-G WH

1047437 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047437 Datasheet PDF - PHOENIX CONTACT

Part # 1047437
Download  1047437 Click to download

File Size   437.3 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-G WH

1047437 Datasheet (HTML) - PHOENIX CONTACT


1047437 Product details

Distribution block, bridged internally, nominal current: 41 A, connection method: Push-in
connection, Line contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, Load
contact, cross section: 0.14 mm2 - 2.5 mm2, mounting type: adhesive, color: white

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1047437

ManufacturerPart #DatasheetDescription
logo
SICK AG
1047437 SICK-1047437 Datasheet
5Mb / 9P
PRODUCT PORTFOLIO
More results


Similar Description - 1047437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047425 PHOENIX-1047425 Datasheet
499Kb / 21P
Distribution block - PTFIX 4/18X1,5 WH
Jun 3, 2022
1047430 PHOENIX-1047430 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-G GY
Jun 13, 2022
1047431 PHOENIX-1047431 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-G BU
Jun 22, 2022
3002780 PHOENIX-3002780 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 WH
Jun 24, 2022
1047461 PHOENIX-1047461 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 WH
Jun 23, 2022
1047449 PHOENIX-1047449 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A WH
Jul 6, 2022
1046956 PHOENIX-1046956 Datasheet
437Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 WH
Jul 29, 2022
3002944 PHOENIX-3002944 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A WH
Jul 6, 2022
1047435 PHOENIX-1047435 Datasheet
440Kb / 19P
Distribution block - PTFIX 4/18X1,5-G YE
Jul 21, 2022
3002892 PHOENIX-3002892 Datasheet
440Kb / 18P
Distribution block - PTFIX 18X1,5-G WH
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com