Electronic Components Datasheet Search
  English  ▼

X  

1243/4 Datasheet (PDF) - Alpha Wire

1243/4 Datasheet PDF - Alpha Wire
Part # 1243/4
Download  1243/4 Download
File Size   100.24 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1243/4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1243/4 Datasheet PDF - Alpha Wire

Part # 1243/4
Download  1243/4 Click to download

File Size   100.24 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1243/4 Datasheet (HTML) - Alpha Wire


1243/4 Product details

Construction
Diameters (In)
1) Component 1 1 X 2 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. PVC 0.062
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 2 BLACK
c) Cabling 2 COND Cabled
(1) Twists: 6.9 Twists/foot (min)
(2) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
d) Shield
Tinned Copper BRAID Shield,80%
Coverage, Min.
2) Component 2 1 X 2 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. PVC 0.062
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED
c) Cabling 2 COND Cabled
(1) Twists: 6.9 Twists/foot (min)
(2) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Cable Assembly
2 Components run parallel under
jacket.
4) Jacket 0.020" Wall, Nom.,PVC 0.185X0.285
(0.195X0.299 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1243/4 4C 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2785
C(UL) 60C TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]

Applicable Specifications
1) UL AWM/STYLE 2785 60°C / 300 VRMS
CM 75°C
2) CSA International C(UL) TYPE CMG 60°C
FT4
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1243/4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1243/4 ALPHAWIRE-1243/4 Datasheet
99Kb / 5P
Customer Specification
12/2/2022
More results


Similar Description - 1243/4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com