Electronic Components Datasheet Search
  English  ▼

X  

HCHP Datasheet (PDF) - Vishay Siliconix

HCHP Datasheet PDF - Vishay Siliconix
Part # HCHP
Download  HCHP Download
File Size   159.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology

HCHP Datasheet (PDF)

Go To PDF Page Download Datasheet
HCHP Datasheet PDF - Vishay Siliconix

Part # HCHP
Download  HCHP Click to download

File Size   159.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology

HCHP Datasheet (HTML) - Vishay Siliconix


HCHP Product details

FEATURES
• CHP: standard passivated version for
industrial, professional and military applications
• Robust terminations
• Large ohmic value range 0.1  to 100 M
• Tight tolerance to 0.5 %
• HCHP: for high frequency applications
• ESCC approved see CHPHR
• High temperature (245 °C) see CHPHT
• SMD wraparound chip resistor
• Halogen-free according to IEC 61249-2-21 definition
• Withstand moisture resistance test of AEC-Q200
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details




Similar Part No. - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCHP VISHAY-HCHP Datasheet
178Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
19-May-14
More results


Similar Description - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
CHP VISHAY-CHP Datasheet
178Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
19-May-14
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
RCMT VISHAY-RCMT Datasheet
86Kb / 5P
Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
12-Sep-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com