Electronic Components Datasheet Search
  English  ▼

X  

TPS62933P Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS62933P Datasheet PDF - Texas Instruments
Part # TPS62933P
Download  TPS62933P Download
File Size   3971.28 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package

TPS62933P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62933P Datasheet PDF - Texas Instruments

Part # TPS62933P
Download  TPS62933P Click to download

File Size   3971.28 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package

TPS62933P Datasheet (HTML) - Texas Instruments


TPS62933P Product details

1 Features
• Configured for a wide range of applications
– 3.8-V to 30-V input voltage range
– 0.8-V to 22-V output voltage range
– Ultra-low quiescent current: 12 μA (TPS62932,
TPS62933, and TPS62933P)
– Integrated 76-mΩ and 32-mΩ MOSFETs
– 0.8 V ± 1% reference voltage (25°C)
– Maximum 98% duty cycle operation
– Precision EN threshold
– 2-A (TPS62932) and 3-A (TPS62933 and
TPS62933x) continuous output current
– –40°C to 150°C operating junction temperature
• Numerous pin-compatible options
– TPS62932, TPS62933, and TPS62933F with
the SS pin for adjustable soft-start time
– TPS62933P and TPS62933O with the PG pin
for a power-good indicator
– TPS62932, TPS62933, and TPS62933P with
pulse frequency modulation (PFM) for high
light-load efficiency
– TPS62933F with forced continuous current
modulation (FCCM)
– TPS62933O with out-of-audio (OOA) feature
• Ease of use and small solution size
– Peak current control mode with internal
compensation
– 200-kHz to 2.2-MHz selectable frequency
– EMI friendly with frequency spread spectrum
(TPS62932, TPS62933, TPS62933P and
TPS62933O)
– Supports start-up with prebiased output
– Cycle-by-cycle OC limit for both high-side and
low-side MOSFETs
– Non-latched protections for OTP, OCP, OVP,
UVP, and UVLO
– 1.6-mm × 2.1-mm SOT583 package
• Create a custom design with the TPS6293x using
the WEBENCH® Power Designer

2 Applications
• Building automation, appliances, industrial PC
• Multifunction printers, enterprise projectors
• Portable electronics, connected peripherals
• Smart speakers, monitors
• Distributed power systems with 5-V, 12-V, 19-V,
and 24-V input

3 Description
The TPS6293x is a high-efficiency, easy-to-use
synchronous buck converter with a wide input voltage
range of 3.8 V to 30 V, and supports up to 2-A
(TPS62932) and 3-A (TPS62933 and TPS62933x)
continuous output current and 0.8-V to 22-V output
voltage.
The device employs fixed-frequency peak current
control mode for fast transient response and good
line and load regulation. The optimized internal
loop compensation eliminates external compensation
components.
The TPS62932, TPS62933, and TPS62933P operate
in pulse frequency modulation for high light load
efficiency. The TPS62933F operates in forced
continuous current modulation which maintains
lower output ripple during all load conditions. The
TPS62933O operates in out of audio mode to avoid
audible noise.




Similar Part No. - TPS62933P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62933P TI-TPS62933P Datasheet
4Mb / 47P
TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
DECEMBER 2021
TPS62933P TI-TPS62933P Datasheet
4Mb / 48P
TPS6293x 3.8-V to 30-V, 3-A/2-A Synchronous Buck Converter in a SOT583 Package
FEBRUARY 2022
TPS62933P TI-TPS62933P Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPS62933PDRLR TI-TPS62933PDRLR Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
More results


Similar Description - TPS62933P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562211 TI-TPS562211 Datasheet
3Mb / 34P
TPS562211 4.2-V to 18-V Input, 2-A Synchronous Buck Converter in SOT583 Package
TPS563211 TI-TPS563211 Datasheet
3Mb / 34P
TPS563211 4.2-V to 18-V Input, 3-A Synchronous Buck Converter in SOT583 Package
TPS62933 TI-TPS62933 Datasheet
3Mb / 44P
TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
TPS62933 TI-TPS62933_V01 Datasheet
4Mb / 47P
TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
DECEMBER 2021
TPS62933 TI-TPS62933_V02 Datasheet
4Mb / 48P
TPS6293x 3.8-V to 30-V, 3-A/2-A Synchronous Buck Converter in a SOT583 Package
FEBRUARY 2022
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS563300 TI-TPS563300 Datasheet
3Mb / 42P
TPS563300 3.8-V to 28-V, 3-A Synchronous Buck Converter in SOT583 Package
JULY 2022
TPS628510 TI-TPS628510_V01 Datasheet
2Mb / 39P
TPS62851x 2.7-V to 6-V, 0.5-A, 1-A, 2-A, and 3-A Step-Down Converters in a SOT583 Package
REVISED JUNE 2022
TPS62933 TI-TPS62933_V04 Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPS562242 TI-TPS562242 Datasheet
1Mb / 25P
TPS562242 3-V to 16-V Input, 2-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com