Electronic Components Datasheet Search
  English  ▼

X  

FAN5624 Datasheet (PDF) - ON Semiconductor

FAN5624 Datasheet PDF - ON Semiconductor
Part # FAN5624
Download  FAN5624 Download
File Size   1048.77 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear LED Drivers with Single-Wire Digital Interface

FAN5624 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5624 Datasheet PDF - ON Semiconductor

Part # FAN5624
Download  FAN5624 Click to download

File Size   1048.77 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear LED Drivers with Single-Wire Digital Interface

FAN5624 Datasheet (HTML) - ON Semiconductor


FAN5624 Product details

Description
The FAN5622, FAN5624, and FAN5626 are two−, four−, and
six−channel current−sink linear LED drivers used to backlight the
main LCD displays or keypads in mobile electronics, such as cellular
phone handsets.
A very low dropout of 50 mV allows driving LEDs without any
inductors or switch capacitors. The brightness levels of the LED
outputs are programmed through single−wire digital control interface.
The user can program 32 linear dimming steps and turn on and off the
LEDs through this interface by applying digital pulses.
The FAN562x family of linear LED drivers provides high efficiency
due to the low drop−out voltage of the LED driver. Good matching
between different channels of LED output is provided across the entire
32 dimming steps. These LED drivers also integrate short circuit,
under−voltage, and thermal protection to ensure for a more robust
solution.
The FAN5622, FAN5624, and FAN5626 are available in very small
form−factor packages: 6−pin Super SOT23, 10−lead UMLP, and
10−lead MicroPak MLP, respectively.

Features
• Family of Three Linear Current−Sink LED Drivers that Support 2, 4,
or 6 LED Outputs
• Current Sink Driver for Each LED Output:
♦ 30 mA Maximum Output Current
♦ 50 mV Drop−out at 15 mA IOUT
♦ Better than 3% Matching between Channels
♦ External RSET
• Single−Wire Digital Control Interface for Easy Programming
♦ 32 Linear Steps of Dimming Control
• Less than 1 A Shutdown Current
• Short−Circuit, Under−Voltage, and Thermal Protection
• Wide Input Voltage Range: 2.7 to 5.5 V
• Small Form−Factor Packages:
• These are Pb−Free Devices
♦ FAN5622: 6−Pin Super SOT23
♦ FAN5624: 10−Lead 1.4x1.8x0.55 mm UMLP
♦ FAN5626: 10−Lead 1.6x2.1x0.55 mm MicroPak MLP

Applications
• Mobile Handsets
• Mobile Internet Devices
• PMP and MP3 Players
• LCD Modules




Similar Part No. - FAN5624

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5624 FAIRCHILD-FAN5624 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
FAN5624UMPX FAIRCHILD-FAN5624UMPX Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
More results


Similar Description - FAN5624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
Indicator LED Blinker with Single-Wire Interface
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
Series Boost LED Driver with Single-Wire Digital Interface
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
FAN5646 FAIRCHILD-FAN5646_11 Datasheet
554Kb / 4P
Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
LP5560 Programmable LED Driver With Single-Wire Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com