Electronic Components Datasheet Search
  English  ▼

X  

V40120C Datasheet (PDF) - DAESAN ELECTRONIC CORP.

V40120C Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # V40120C
Download  V40120C Download
File Size   546.42 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Powerpack MOS Schottky Barrier Rectifier

V40120C Datasheet (PDF)

Go To PDF Page Download Datasheet
V40120C Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # V40120C
Download  V40120C Click to download

File Size   546.42 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Powerpack MOS Schottky Barrier Rectifier

V40120C Datasheet (HTML) - DAESAN ELECTRONIC CORP.


V40120C Product details

Features

· Trench Mos Schottky Barrier
· Guardring for overvoltage Protection
· Low Forward Voltage Drop
· Low Reverse Leakage Current
· High Surge Current Capability
· Plastic Material has UL Flammability
Classification 94V-O




Similar Part No. - V40120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40120C VISHAY-V40120C Datasheet
149Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
22-Aug-06
V40120C VISHAY-V40120C Datasheet
142Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40120C VISHAY-V40120C Datasheet
158Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
16-Aug-13
V40120C VISHAY-V40120C Datasheet
141Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
09-Nov-17
logo
Inchange Semiconductor ...
V40120C ISC-V40120C Datasheet
239Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - V40120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VBT1045CBP VISHAY-VBT1045CBP Datasheet
83Kb / 4P
Trench MOS Barrier Schottky Rectifier Rectifier
27-Oct-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
logo
DAESAN ELECTRONIC CORP.
VF40120C DAESAN-VF40120C Datasheet
538Kb / 2P
Powerpack MOS Schottky Barrier Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com