Electronic Components Datasheet Search
  English  ▼

X  

ECS-32-CP-TR Datasheet (PDF) - ECS, Inc.

ECS-32-CP-TR Datasheet PDF - ECS, Inc.
Part # ECS-32-CP-TR
Download  ECS-32-CP-TR Download
File Size   504.85 Kbytes
Page   4 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description The ECS-3225MVLC is a miniature SMD low current CMOS Oscillator with MultiVolt capability of 1.6 ~ 3.6 V.

ECS-32-CP-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-32-CP-TR Datasheet PDF - ECS, Inc.

Part # ECS-32-CP-TR
Download  ECS-32-CP-TR Click to download

File Size   504.85 Kbytes
Page   4 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description The ECS-3225MVLC is a miniature SMD low current CMOS Oscillator with MultiVolt capability of 1.6 ~ 3.6 V.

ECS-32-CP-TR Datasheet (HTML) - ECS, Inc.


ECS-32-CP-TR Product details

• 3.2 x 2.5 mm Footprint
• Low Current
• Extended Temp Range
• Wide Supply Voltage
• Low Jitter
• Compatible with 1.8V, 2.5V or 3.3V Power Supply




Similar Part No. - ECS-32-CP-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-320-10-36B-CKM-TR ECS-ECS-320-10-36B-CKM-TR Datasheet
428Kb / 2P
SMD CRYSTAL
Rev.2022
ECS-320-10-36B2-CKM-TR ECS-ECS-320-10-36B2-CKM-TR Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECS-320-10-36B2-CTN-TR ECS-ECS-320-10-36B2-CTN-TR Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECS-320-10-37B-CKY-TR ECS-ECS-320-10-37B-CKY-TR Datasheet
418Kb / 2P
SMD CRYSTAL
Rev.2022
ECS-320-12-36B2-CKY-TR ECS-ECS-320-12-36B2-CKY-TR Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
More results


Similar Description - ECS-32-CP-TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
ECS, Inc.
ECS-23G ECS-ECS-23G Datasheet
632Kb / 2P
The minature ECS-23G is a compact SMD Crystal
ECS-33B ECS-ECS-33B Datasheet
587Kb / 2P
The miniature ECS-33B is a compact SMD Crystal
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
ECS-3225SMV ECS-ECS-3225SMV Datasheet
329Kb / 2P
SMD MultiVolt Crystal Oscillator Tight Stability
ECX2-LMV ECS-ECX2-LMV Datasheet
1Mb / 5P
The ECX2-LMV is SMD LVDS Oscillator with MultiVolt™ capability of 2.375 ~ 3.63 V. Lowest in-class RMS jitter (12 KHz to 20 MHz) sub 50 fs at 156.250 MHz.
2021
ECS-327MV ECS-ECS-327MV Datasheet
348Kb / 2P
SMD MultiVolt Crystal Oscillator
Rev. 2019
ECS-2520MVQ ECS-ECS-2520MVQ Datasheet
401Kb / 2P
SMD MultiVolt Crystal Oscillator
Rev. 2019
ECS-3215MV-327KE ECS-ECS-3215MV-327KE Datasheet
274Kb / 2P
SMD MultiVolt™ Crystal Oscillator
Rev. 2022
ECS-2012MV-327KE ECS-ECS-2012MV-327KE Datasheet
252Kb / 2P
SMD MultiVolt™ Crystal Oscillator
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com