Electronic Components Datasheet Search
  English  ▼

X  

SB5000 Datasheet (PDF) - Littelfuse

SB5000 Datasheet PDF - Littelfuse
Part # SB5000
Download  SB5000 Download
File Size   390.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Industrial Shock Block

SB5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5000 Datasheet PDF - Littelfuse

Part # SB5000
Download  SB5000 Click to download

File Size   390.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Industrial Shock Block

SB5000 Datasheet (HTML) - Littelfuse


SB5000 Product details

Description
Special-Purpose Ground-Fault Circuit Interrupter (SPGFCI),
Class C and Class D
Industrial Shock Block (ISB) is a personnel protection device
designed to meet the requirements for special-purpose
GFCIs defined by UL 943C. This standard outlines GFCI
classes specifically designed for use in industrial facilities.
Class C GFCIs are intended to be used on three-phase
systems where the line-to-line voltage is 480 V or less with
a trip level of 20 mA, while Class D GFCIs are intended to be
used on 600 V systems. The Industrial Shock Block includes
DFT harmonic filtering, an automatic self-test feature and
is compliant to the UL 1998 Software in Programmable
Components standard.
Ground-Fault Circuit Interrupter (GFCI), Class A
The Shock Block is available as a 208 V Class A GFCI,
allowing commercial kitchens, construction sites, and other
non-dwelling units with wet areas to meet NEC 210.8(B) for
their three-phase loads up to 60 A.
Equipment Ground-Fault Protective Device (EGFPD)
Industrial Shock Block is also available with adjustable
protection settings as an EGFPD. The EGFPD models can be
set to trip at 6 mA or from 10–100 mA in increments of 10
mA. This offers more flexibility since GFCI devices are not
allowed to have an adjustable trip level.
Ratings and Models
Industrial Shock Block (GFCI & EGFPD) is available for threephase
voltages from 208 to 600 V with a maximum full load
current of either 32 or 60 A. The power system can be either
solidly or high-resistance grounded and the load must be
three phase without a neutral.
The standard enclosure is IP 69K/NEMA 4X and outdoor
rated, suitable for all industrial environments including hightemperature
washdown used in food production. A Class
II, Division 2 option is also available for applications where
explosive dust may be present (future option).
Ground Wire (Load-Ground) Monitor
The Industrial Shock Block also monitors the ground wire
(load-ground) connection between the Industrial Shock Block
and load. This is a required feature for Class C and D GFCI
devices and is recommended for Class A GFCI and EGFPD
devices. If the ground-return path is broken, the Industrial
Shock Block will trip and provide an alarm by changing the
state of the alarm contacts. This monitoring circuit includes
an extra wire (pilot wire) between the Industrial Shock
Block and load. At the load, the pilot wire is connected to a
termination device. The other end of the termination device
is connected to the load ground (typically the enclosure).




Similar Part No. - SB5000

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
5 AMP SILICON BRIDGE RECTIFIERS
logo
ABC Taiwan Electronics ...
SB5009100ML ABC-SB5009100ML Datasheet
537Kb / 7P
SMD POWER INDUCTOR
SB5009101ML ABC-SB5009101ML Datasheet
537Kb / 7P
SMD POWER INDUCTOR
SB5009150ML ABC-SB5009150ML Datasheet
537Kb / 7P
SMD POWER INDUCTOR
SB50091R0ML ABC-SB50091R0ML Datasheet
537Kb / 7P
SMD POWER INDUCTOR
More results


Similar Description - SB5000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKS1-4A1 MURATA-PKS1-4A1 Datasheet
80Kb / 1P
Shock Sensor
logo
Festo Corporation.
8161522 FESTO-8161522 Datasheet
95Kb / 1P
Shock absorber
12/4/22
8161527 FESTO-8161527 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8161530 FESTO-8161530 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161533 FESTO-8161533 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8131071 FESTO-8131071 Datasheet
71Kb / 1P
Shock absorber
12/6/22
8132356 FESTO-8132356 Datasheet
73Kb / 1P
Shock absorber
12/6/22
8159472 FESTO-8159472 Datasheet
80Kb / 1P
Shock absorber
12/6/22
8160235 FESTO-8160235 Datasheet
77Kb / 1P
Shock absorber
12/6/22
8160237 FESTO-8160237 Datasheet
78Kb / 1P
Shock absorber
12/6/22
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com