Electronic Components Datasheet Search
  English  ▼

X  

1019616 Datasheet (PDF) - PHOENIX CONTACT

1019616 Datasheet PDF - PHOENIX CONTACT
Part # 1019616
Download  1019616 Download
File Size   474.83 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/18X2,5 GN

1019616 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019616 Datasheet PDF - PHOENIX CONTACT

Part # 1019616
Download  1019616 Click to download

File Size   474.83 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/18X2,5 GN

1019616 Datasheet (HTML) - PHOENIX CONTACT


1019616 Product details

Distribution block, nom. voltage: 450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: green

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 1019616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019610 PHOENIX-1019610 Datasheet
474Kb / 19P
Distribution block - PTVFIX 6/12X2,5 RD
Jul 29, 2022
logo
Theben AG
1019610 THEBEN-1019610 Datasheet
1Mb / 3P
Presence and motion detectors Ceiling installation outdoor
22/11/2024
logo
PHOENIX CONTACT
1019611 PHOENIX-1019611 Datasheet
472Kb / 19P
Distribution block - PTVFIX 6/12X2,5 GN
Jul 29, 2022
logo
Theben AG
1019611 THEBEN-1019611 Datasheet
1Mb / 3P
Presence and motion detectors Ceiling installation outdoor
22/11/2024
logo
PHOENIX CONTACT
1019612 PHOENIX-1019612 Datasheet
473Kb / 19P
Distribution block - PTVFIX 6/12X2,5 BK
Jul 29, 2022
More results


Similar Description - 1019616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019580 PHOENIX-1019580 Datasheet
472Kb / 18P
Distribution block - PTVFIX 18X2,5 GN
Jul 29, 2022
1019540 PHOENIX-1019540 Datasheet
672Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A GN
Jul 29, 2022
1019556 PHOENIX-1019556 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GY
Jul 29, 2022
1019561 PHOENIX-1019561 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GN
Jul 29, 2022
1019613 PHOENIX-1019613 Datasheet
473Kb / 19P
Distribution block - PTVFIX 6/18X2,5 GY
Jul 29, 2022
1019614 PHOENIX-1019614 Datasheet
476Kb / 19P
Distribution block - PTVFIX 6/18X2,5 BU
Jul 29, 2022
1019615 PHOENIX-1019615 Datasheet
476Kb / 19P
Distribution block - PTVFIX 6/18X2,5 RD
Jul 29, 2022
1019651 PHOENIX-1019651 Datasheet
476Kb / 19P
Distribution block - PTVFIX 6/18X2,5 BK
Jul 29, 2022
1186870 PHOENIX-1186870 Datasheet
396Kb / 15P
Distribution block - PTVFIX 18X2,5-G GN
Jul 21, 2022
1186885 PHOENIX-1186885 Datasheet
403Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G GN
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com