Electronic Components Datasheet Search
  English  ▼

X  

749252070 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

749252070 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 749252070
Download  749252070 Download
File Size   390.63 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CST Current Sense Transformer

749252070 Datasheet (PDF)

Go To PDF Page Download Datasheet
749252070 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749252070
Download  749252070 Click to download

File Size   390.63 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CST Current Sense Transformer

749252070 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


749252070 Product details

General Information:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Storage Conditions (for single
parts) -20 up to +60 °C
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 749252070

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749252020 WURTH-749252020 Datasheet
595Kb / 7P
WE-CST Current Sense Transformer
001.003
749252030 WURTH-749252030 Datasheet
390Kb / 6P
WE-CST Current Sense Transformer
001.000
749252040 WURTH-749252040 Datasheet
390Kb / 6P
WE-CST Current Sense Transformer
001.000
749252050 WURTH-749252050 Datasheet
595Kb / 7P
WE-CST Current Sense Transformer
001.003
749252060 WURTH-749252060 Datasheet
390Kb / 6P
WE-CST Current Sense Transformer
001.000
More results


Similar Description - 749252070

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749251020 WURTH-749251020 Datasheet
154Kb / 3P
Current sense transformer WE-CST
749252030 WURTH-749252030 Datasheet
390Kb / 6P
WE-CST Current Sense Transformer
001.000
749252125 WURTH-749252125 Datasheet
390Kb / 6P
WE-CST Current Sense Transformer
001.000
749251150 WURTH-749251150 Datasheet
655Kb / 7P
WE-CST Current Sense Transformer
001.001
749252020 WURTH-749252020 Datasheet
595Kb / 7P
WE-CST Current Sense Transformer
001.003
749252150 WURTH-749252150 Datasheet
595Kb / 7P
WE-CST Current Sense Transformer
001.003
7492540020 WURTH-7492540020 Datasheet
698Kb / 7P
WE-CST Current Sense Transformer
001.001
7492540030 WURTH-7492540030 Datasheet
698Kb / 7P
WE-CST Current Sense Transformer
001.001
7492540050 WURTH-7492540050 Datasheet
698Kb / 7P
WE-CST Current Sense Transformer
001.001
7492540150 WURTH-7492540150 Datasheet
698Kb / 7P
WE-CST Current Sense Transformer
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com